Electronic Components Datasheet Search
  English  ▼

X  

IX6611 Datasheet(PDF) 11 Page - IXYS Corporation

Part # IX6611
Description  IGBT Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6611 Datasheet(HTML) 11 Page - IXYS Corporation

Back Button IX6611 Datasheet HTML 7Page - IXYS Corporation IX6611 Datasheet HTML 8Page - IXYS Corporation IX6611 Datasheet HTML 9Page - IXYS Corporation IX6611 Datasheet HTML 10Page - IXYS Corporation IX6611 Datasheet HTML 11Page - IXYS Corporation IX6611 Datasheet HTML 12Page - IXYS Corporation IX6611 Datasheet HTML 13Page - IXYS Corporation IX6611 Datasheet HTML 14Page - IXYS Corporation IX6611 Datasheet HTML 15Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
IX6611
R00A
PRELIMINARY
11
Figure 6. IX6611 Typical Application Diagram
3. Theory of Operation
The IX6611 integrated circuit is designed to provide gate drive for high power IGBT modules. The device converts the
incoming isolated PWM logic signals into a +15V/-5V bipolar gate drive signal with a typical 10A peak drive current
capability.
3.1 Detailed Circuit Description
3.1.1
Input Interface
The Input Interface block of the gate driver is designed
to be compatible with pulse transformers. The receiver
inputs, RCVP and RCVN, are connected to the pulse
transformer secondary through a diode/resistor
network as shown on the typical application diagram
Figure 6 on page 11. The Input Interface contains
high speed Schmitt trigger buffers with 1V typical
hysteresis. To reject noise and high frequency
interference, a well matched full differential
architecture is used for the Schmitt trigger buffer
receivers.
3.1.2
Pulse Recovery Logic
The Pulse Recovery Logic block receives the leading
edge pulse and trailing edge pulse signals from the
Input Interface and reconstructs the complementary
IN and INB drive signals. These complementary
signals are level shifted to drive the Gate Control Logic
block.
3.1.3
Gate Control Logic
The Gate Control Logic block inserts a fixed dead time
between the incoming IN and INB signals to generate
non-overlapping PGATE drive and NGATE drive
signals. This dead time is sufficient to prevent
V
CC
V
CC
V
DD
V
DD
COM
COM
REF2
REF1
OVLO
COMP
UVLO
COMP
VREF IBLANK
REF0
REF1
REF2
REF3
REF4
300mV
V
DD
V
DD
V
DD
V
EE
V
EE
LEVEL
SHIFT
FAULT
CONTROL
LOGIC
OUTPUT
FAULT PULSE
GENERATOR
V
EE
V
EE
FLT1
FLT2
V
EE
NC
V
DD
V
DD
V
DD
V
DD
V
EE
V
EE
V
EE
V
EE
V
EE
V
EE
V
CC
V
EE
RCVP
RCVN
INB
IN
V
EE
PULSE
RECOVERY
LOGIC
LEVEL
SHIFT
THSD
ACL
COMP
OC
COMP
300mV
3.1V
RICM
EN
OFF
EN
ON
ACL
ICM
V
CC
V
CC
V
CC
V
DD
V
DD
V
CC
V
EE
V
EE
V
EE
V
EE
C
BLANK
REF0
IBLANK
LEB
COMP
5V REGULATOR
REFERENCED
TO V
EE
V
CC
V
CC
V
EE
PV
CC
PV
CC
OUTP
OUTN
PV
EE
PV
EE
V
EE
V
EE
V
CC
ON
OFF
PGATE
NGATE
GATE
CONTROL
LOGIC
6
4
3
9
11
7
5
10
2
1
16
15
13
12
8
14
V
EE
V
EE
RON
ROFF
R1
R2
V
EE VEE
V
CC
R
SENSE
HV
COM
V
DD
50
50
50
3.3V
V
EE
50
50
50
VIN
22
µF
22
µF
PV
EE
VP=+15V
VN=-5V
PV
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com