Electronic Components Datasheet Search
  English  ▼

X  

IX6611 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IX6611
Description  IGBT Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6611 Datasheet(HTML) 5 Page - IXYS Corporation

  IX6611 Datasheet HTML 1Page - IXYS Corporation IX6611 Datasheet HTML 2Page - IXYS Corporation IX6611 Datasheet HTML 3Page - IXYS Corporation IX6611 Datasheet HTML 4Page - IXYS Corporation IX6611 Datasheet HTML 5Page - IXYS Corporation IX6611 Datasheet HTML 6Page - IXYS Corporation IX6611 Datasheet HTML 7Page - IXYS Corporation IX6611 Datasheet HTML 8Page - IXYS Corporation IX6611 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
IX6611
R00A
PRELIMINARY
5
1.5 Electrical Characteristics
TA=-40°C to +125°C unless otherwise noted.
1.5.1
Thermal Characteristics
1.5.2
Power Supply Terminals
1.5.3
VDD Regulator (Logic Supply)
VCC=PVCC=15V, VEE=PVEE= -5V. VDD regulator voltage is referenced to VEE. Examples: If VEE=-5V, then VDD=0V; or
If VEE=-10V, then VDD=-5V; or If VEE=0V, then VDD=+5V.
1.5.4
Input Terminals
VCC=PVCC=15V, VEE=PVEE=-5V.
Parameter
Symbol
Rating
Units
Thermal resistance, junction to ambient
JA
41
°C/W
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Logic power supply voltage range
VCC
VCC-VCOM
13
15
25
V
Logic power supply voltage range
VEE
VEE-VCOM
-10
-5
0
V
Output driver positive power supply voltage range
PVCC
PVCC-VCOM
13
15
25
V
Output driver negative power supply voltage range
PVEE
PVEE-VCOM
-10
-5
0
V
Static power supply current
ICCQ
VCC= PVCC=15V, VEE= PVEE= -5V
No load, static output condition
-3
5
mA
ICOMQ
-0.2
0.5
IEEQ
-3
5
Dynamic power supply current
ICC
VCC= PVCC=15V, VEE= PVEE= -5V, CL=10nF
Normal mode, FOUT=50kHz
-15
20
mA
ICOM
-0.2
0.5
IEE
-15
20
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Regulator output voltage
VDD
VCC=15V, VEE=- 5V IDD=5mA
-1
0
0.5
V
Input line regulation
V
DD
(VCC–VEE)=15V to 25V
@ VEE=-10V
@ IDD=5mA
-0.2
-
V
Output load regulation
V
DD_IDD
VCC=15V, VEE=-5V
IDD=1mA to 10mA
-0.5
-
V
Output bypass capacitor ESR
CVDD_ESR
1mA < IDD < 10mA
-0.3
-
Parameter
Symbol
Conditions
Min Typ Max Units
Receive input pull-down current @ VDD=0V
IRCVN_DD, IRCVP_DD
Measured at RCVP and RCVN terminals
@ VDD=0V
35
10
mA
Analog input leakage current @ VCC & VCOM
IACL_CC, IACL_COM
Measured at ACL terminal
-1
-
1
A
Analog input leakage current @ VCOM
IICM_COM
Measured at ICM terminal
-1
-
1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com