Electronic Components Datasheet Search
  English  ▼

X  

IX6611 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IX6611
Description  IGBT Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6611 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IX6611 Datasheet HTML 2Page - IXYS Corporation IX6611 Datasheet HTML 3Page - IXYS Corporation IX6611 Datasheet HTML 4Page - IXYS Corporation IX6611 Datasheet HTML 5Page - IXYS Corporation IX6611 Datasheet HTML 6Page - IXYS Corporation IX6611 Datasheet HTML 7Page - IXYS Corporation IX6611 Datasheet HTML 8Page - IXYS Corporation IX6611 Datasheet HTML 9Page - IXYS Corporation IX6611 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
PRELIMINARY
R00A
IX6611
1.5.5
Input Interface/Pulse Recovery
1.5.6
Thermal Shutdown Circuit
VCC=PVCC=15V, VEE=PVEE=-5V. Not production tested. Specifications are characterized and guaranteed by design.
1.5.7
UVLO Circuit
FLT1 output is connected to a 50k
 pullup resistor.
1.5.8
OVLO Circuit
FLT1 and FLT2 outputs are connected to 50k
 pullup resistors.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Receive input resistance
RRCVP_IN,
RRCVN_IN
Measured at terminals RCVP, RCVN with
respect to VEE
0.5
1
1.5
k
Receive input high voltage
VRCVP_IH
VRCVN_IH
Measured with respect to VEE at RCVP and
RCVN terminals by monitoring the state
change at the IGBT driver output terminals
(OUTP and OUTN). @ VDD=0V
2.2
-
-
V
Receive input low voltage
VRCVP_IL
VRCVN_IL
--
1
V
Receive input hysteresis
VHST
0.5
1
-
V
Minimum input pulse width detect
TDET_RCVP
TDET_RCVN
Measured at RCVP and RCVN terminals by
monitoring the state change at the IGBT driver
output terminals @ VDD=0V
100
200
-
ns
Parameter
Symbol
Conditions
Min Typ Max Units
Thermal shutdown rising threshold
tSHDN_RISE
-
130
145
160
°C
Thermal shutdown hysteresis
tSHDN_HYS
-20-
°C
Parameter
Symbol
Conditions
Min Typ Max Units
(VCC-VCOM) UVLO rising threshold
UVLO_VTH-RISE
VCOM=0V, VEE=PVEE=0 to -10V
UVLO rising threshold is measured by
monitoring state change at FLT1 terminal
8
9.5
11
V
(VCC-VCOM) UVLO hysteresis
UVLO_VHYST
-1.5
-
V
Parameter
Symbol
Conditions
Min Typ Max Units
(VCC-VCOM) OVLO rising threshold
OVLO_VTH-RISE
VCOM=0V, VEE=PVEE=0 to -10V
OVLO rising threshold is measured by
monitoring state change at FLT1 and FLT2
terminals
26
28
30
V
(VCC-VCOM) OVLO hysteresis
OVLO_VHYST
-2
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com