Electronic Components Datasheet Search
  English  ▼

X  

AD5338R Datasheet(PDF) 6 Page - Analog Devices

Part # AD5338R
Description  Dual 10-Bit nanoDAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5338R Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5338R Datasheet HTML 2Page - Analog Devices AD5338R Datasheet HTML 3Page - Analog Devices AD5338R Datasheet HTML 4Page - Analog Devices AD5338R Datasheet HTML 5Page - Analog Devices AD5338R Datasheet HTML 6Page - Analog Devices AD5338R Datasheet HTML 7Page - Analog Devices AD5338R Datasheet HTML 8Page - Analog Devices AD5338R Datasheet HTML 9Page - Analog Devices AD5338R Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
AD5338R
Data Sheet
Rev. A | Page 6 of 27
TIMING CHARACTERISTICS
VDD = 2.5 V to 5.5 V; 1.62 V ≤ VLOGIC ≤ 5.5 V; all specifications TMIN to TMAX, unless otherwise noted. See Figure 2.
Table 4.
Parameter1
Min
Max
Unit
Test Conditions/Comments
t1
2.5
μs
SCL cycle time
t2
0.6
μs
SCL high time, tHIGH
t3
1.3
μs
SCL low time, tLOW
t4
0.6
μs
Start/repeated start condition hold time, tHD,STA
t5
100
ns
Data setup time, tSU,DAT
t62
0
0.9
μs
Data hold time, tHD,DAT
t7
0.6
μs
Setup time for repeated start, tSU,STA
t8
0.6
μs
Stop condition setup time, tSU,STO
t9
1.3
μs
Bus free time between a stop and a start condition, tBUF
t10
0
300
ns
Rise time of SCL and SDA when receiving, tR
t11
20 + 0.1CB3
300
ns
Fall time of SDA and SCL when transmitting/receiving, tF
t12
20
ns
LDAC pulse width
t13
400
ns
SCL rising edge to LDAC rising edge
CB3
400
pF
Capacitive load for each bus line
1 Guaranteed by design and characterization; not production tested.
2 A master device must provide a hold time of at least 300 ns for the SDA signal (referred to the VIH minimum of the SCL signal) to bridge the undefined region of the
falling edge of the SCL.
3 CB is the total capacitance of one bus line in pF. tR and tF measured between 0.3 VDD and 0.7 VDD.
SCL
SDA
t1
t3
LDAC1
LDAC2
START
CONDITION
REPEATED START
CONDITION
STOP
CONDITION
NOTES
1ASYNCHRONOUS LDAC UPDATE MODE.
2SYNCHRONOUS LDAC UPDATE MODE.
t4
t6
t5
t7
t8
t2
t13
t4
t11
t10
t12
t12
t9
Figure 2. 2-Wire Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com