Electronic Components Datasheet Search
  English  ▼

X  

AD5338R Datasheet(PDF) 20 Page - Analog Devices

Part # AD5338R
Description  Dual 10-Bit nanoDAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5338R Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5338R Datasheet HTML 16Page - Analog Devices AD5338R Datasheet HTML 17Page - Analog Devices AD5338R Datasheet HTML 18Page - Analog Devices AD5338R Datasheet HTML 19Page - Analog Devices AD5338R Datasheet HTML 20Page - Analog Devices AD5338R Datasheet HTML 21Page - Analog Devices AD5338R Datasheet HTML 22Page - Analog Devices AD5338R Datasheet HTML 23Page - Analog Devices AD5338R Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
AD5338R
Data Sheet
Rev. A | Page 20 of 27
READ OPERATION
When reading data back from the AD5338R DACs, the user
begins with an address byte (R/W = 0), after which the DAC
acknowledges that it is prepared to receive data by pulling SDA
low. This address byte must be followed by the control byte that
determines both the read command that is to follow and the
pointer address to read from, which is also acknowledged by the
DAC. The user configures which channel to read back and sets
the readback command to active using the control byte. Following
this, there is a repeated start condition by the master and the
address is resent with R/W = 1. This is acknowledged by the
DAC, indicating that it is prepared to transmit data. Two bytes
of data are then read from the DAC, as shown in Figure 44. A
NACK condition from the master, followed by a STOP condition,
completes the read sequence. Default readback is Channel A if
both DACs are selected.
MULTIPLE DAC READBACK SEQUENCE
The user begins with an address byte (R/W = 0), after which the
DAC acknowledges that it is prepared to receive data by pulling
SDA low. This address byte must be followed by the control byte,
which is also acknowledged by the DAC. The user configures
which channel to start the readback using the control byte.
Following this, there is a repeated start condition by the master,
and the address is resent with R/W = 1. This is acknowledged
by the DAC, indicating that it is prepared to transmit data. The
first two bytes of data are then read from DAC Input Register A
that is selected using the control byte, most significant byte first,
as shown in Figure 44. The next four bytes read back are don’t care
bytes, and the next two bytes of data are the contents of DAC
Input Register B. Data continues to be read from the DAC input
registers in this auto-incremental fashion, until a NACK followed
by a stop condition follows. If the contents of DAC Input Register B
are read out, the next bytes of data that are read are from the
contents of DAC Input Register A.
FRAME 2
COMMAND BYTE
FRAME 1
SLAVE ADDRESS
1
1
0
0
0
1
A1
A0
R/W
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
9
9
1
START BY
MASTER
ACK. BY
AD5338R
ACK. BY
AD5338R
SCL
SCL
SDA
1
9
9
1
1
9
ACK. BY
AD5338R
REPEATED START BY
MASTER
FRAME 3
SLAVE ADDRESS
STOP BY
MASTER
FRAME 5
SLAVE ADDRESS
SIGNIFICANT DATA BYTE n
1
0
0
0
1
A1
A0
R/W
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
SDA
SCL
(CONTINUED)
SDA
(CONTINUED)
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Figure 44. I2C Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com