Electronic Components Datasheet Search
  English  ▼

X  

AD5338R Datasheet(PDF) 1 Page - Analog Devices

Part # AD5338R
Description  Dual 10-Bit nanoDAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5338R Datasheet(HTML) 1 Page - Analog Devices

  AD5338R Datasheet HTML 1Page - Analog Devices AD5338R Datasheet HTML 2Page - Analog Devices AD5338R Datasheet HTML 3Page - Analog Devices AD5338R Datasheet HTML 4Page - Analog Devices AD5338R Datasheet HTML 5Page - Analog Devices AD5338R Datasheet HTML 6Page - Analog Devices AD5338R Datasheet HTML 7Page - Analog Devices AD5338R Datasheet HTML 8Page - Analog Devices AD5338R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Dual, 10-Bit nanoDAC
with 2 ppm/°C Reference, I2C Interface
Data Sheet
AD5338R
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low drift 2.5 V reference: 2 ppm/°C typical
Tiny package: 3 mm × 3 mm, 16-lead LFCSP
Total unadjusted error (TUE): ±0.1% of full-scale range (FSR)
maximum
Offset error: ±1.5 mV maximum
Gain error: ±0.1% of FSR maximum
High drive capability: 20 mA, 0.5 V from supply rails
User selectable gain of 1 or 2 (GAIN pin)
Reset to zero scale or midscale (RSTSEL pin)
1.8 V logic compatibility
Low glitch: 0.5 nV-sec
400 kHz I2C-compatible serial interface
Low power: 3.3 mW at 3 V
2.7 V to 5.5 V power supply
−40°C to +105°C temperature range
APPLICATIONS
Optical transceivers
Base station power amplifiers
Process controls (programmable logic controller [PLC] I/O cards)
Industrial automation
Data acquisition systems
FUNCTIONAL BLOCK DIAGRAM
SCL
VLOGIC
SDA
A1
A0
INPUT
REGISTER
DAC
REGISTER
STRING
DAC A
BUFFER
VOUTA
INPUT
REGISTER
DAC
REGISTER
STRING
DAC B
BUFFER
VOUTB
VREF
GND
VDD
2.5V
REFERENCE
POWER-
DOWN
LOGIC
POWER-ON
RESET
GAIN =
×1/×2
RSTSEL
GAIN
LDAC RESET
AD5338R
Figure 1.
Table 1. Related Devices
Interface
Reference
12-Bit
10-Bit
SPI
Internal
AD5687R
AD5313R1
External
AD5687
AD53131
I2C
Internal
AD5697R
AD5338R1
External
AD53381
1
The AD5338R and the AD5338 are not pin-to-pin or software compatible. The
AD5313R and the AD5313 are not pin-to-pin or software compatible.
GENERAL DESCRIPTION
The AD5338R, a member of the nanoDAC® family, is a low power,
dual, 10-bit buffered voltage output digital-to-analog converter
(DAC). The device includes a 2.5 V, 2 ppm/°C internal reference
(enabled by default) and a gain select pin giving a full-scale output
of 2.5 V (gain = 1) or 5 V (gain = 2). The AD5338R operates from
a single 2.7 V to 5.5 V supply, is guaranteed monotonic by design,
and exhibits less than 0.1% FSR gain error and 1.5 mV offset error
performance. The device is available in a 3 mm × 3 mm LFCSP
and a TSSOP package.
The AD5338R also incorporates a power-on reset circuit and a
RSTSEL pin that ensures that the DAC outputs power up to zero
scale or midscale and remain there until a valid write takes place.
It contains a per channel power-down feature that reduces the
current consumption of the device to 4 µA at 3 V while in power-
down mode.
The AD5338R uses a versatile 2-wire serial interface that operates
at clock rates up to 400 kHz and includes a VLOGIC pin intended
for 1.8 V/3 V/5 V logic.
PRODUCT HIGHLIGHTS
1. Precision DC Performance.
TUE: ±0.1% of FSR maximum
Offset error: ±1.5 mV maximum
Gain error: ±0.1% of FSR maximum
2. Low Drift 2.5 V On-Chip Reference.
2 ppm/°C typical temperature coefficient
5 ppm/°C maximum temperature coefficient
3. Two Package Options.
3 mm × 3 mm, 16-lead LFCSP
16-lead TSSOP


Similar Part No. - AD5338R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5338R AD-AD5338R Datasheet
1Mb / 28P
Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
REV. 0
AD5338RBCPZ-RL7 AD-AD5338RBCPZ-RL7 Datasheet
1Mb / 28P
Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
REV. 0
AD5338RBRUZ AD-AD5338RBRUZ Datasheet
1Mb / 28P
Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
REV. 0
AD5338RBRUZ-RL7 AD-AD5338RBRUZ-RL7 Datasheet
1Mb / 28P
Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
REV. 0
More results

Similar Description - AD5338R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5313R AD-AD5313R Datasheet
698Kb / 28P
Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5338R AD-AD5338R Datasheet
1Mb / 28P
Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
REV. 0
AD5313R AD-AD5313R_17 Datasheet
977Kb / 26P
Dual, 10-Bit nanoDAC
4/2017-Rev. A to Rev. B
AD5689 AD-AD5689_17 Datasheet
590Kb / 24P
Dual, 16-/12-Bit nanoDAC
7/2017-Rev. A to Rev. B
AD5689R AD-AD5689R_17 Datasheet
851Kb / 28P
Dual, 16-/12-Bit nanoDAC
3/2017-Rev. A to Rev. B
AD5697R AD-AD5697R_16 Datasheet
904Kb / 27P
Dual, 12-Bit nanoDAC
11/2016-Rev. A to Rev. B
AD5316R AD-AD5316R Datasheet
1Mb / 24P
Quad, 10-Bit nanoDAC Reference, I2C Interface
5/2017-Rev. B to Rev. C
AD5317R AD-AD5317R Datasheet
1Mb / 28P
Quad, 10-Bit nanoDAC Reference, SPI Interface
5/2017-Rev. A to Rev. B
AD5601 AD-AD5601_16 Datasheet
577Kb / 21P
8-/10-/12-Bit nanoDAC, SPI Interface
2/16-Rev. G to Rev. H
AD5623R AD-AD5623R_15 Datasheet
1Mb / 32P
Dual 12-/14-/16-Bit nanoDAC
9/15-Rev. F to Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com