Electronic Components Datasheet Search
  English  ▼

X  

AD5683R Datasheet(PDF) 14 Page - Analog Devices

Part # AD5683R
Description  Tiny 16-/14-/12-Bit SPI nanoDAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5683R Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5683R Datasheet HTML 10Page - Analog Devices AD5683R Datasheet HTML 11Page - Analog Devices AD5683R Datasheet HTML 12Page - Analog Devices AD5683R Datasheet HTML 13Page - Analog Devices AD5683R Datasheet HTML 14Page - Analog Devices AD5683R Datasheet HTML 15Page - Analog Devices AD5683R Datasheet HTML 16Page - Analog Devices AD5683R Datasheet HTML 17Page - Analog Devices AD5683R Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD5683R/AD5682R/AD5681R/AD5683
Data Sheet
Rev. D | Page 14 of 28
2.5
5.5
4.5
3.5
VDD (V)
2.49980
2.49985
2.49990
2.49995
2.50000
2.50005
2.50010
2.50015
D11
D12
D13
TA = 25°C
Figure 29. Internal Reference Voltage vs. Supply Voltage
CH1 10µV
M1.00s
A CH1
2.00µV
1
T
TA = 25°C
VDD = 5V
Figure 30. Internal Reference Noise, 0.1 Hz to 10 Hz
CH1 10µV
M1.00s
A CH1
2.00µV
1
T
TA = 25°C
VDD = 5V
Figure 31. 0.1 Hz to 10 Hz Output Noise Plot, Internal Reference On
–0.005
–0.003
–0.001
0.001
0.003
0.005
LOAD CURRENT (A)
2.5003
2.5004
2.5005
2.5006
2.5007
2.5008
2.5009
5.5V
5.0V
3.0V
2.7V
TA = 25°C
Figure 32. Internal Reference Voltage vs. Load Current
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
0
200
400
600
800
1000
1200
1400
1600
1800
VDD = 5V
TA = 25°C
Figure 33. Internal Reference Noise Spectral Density vs. Frequency
CH1 10µV
M1.00s
A CH1
2.00µV
1
T
TA = 25°C
VDD = 5V
Figure 34. 0.1 Hz to 10 Hz Output Noise Plot, External Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com