Electronic Components Datasheet Search
  English  ▼

X  

AD5683R Datasheet(PDF) 26 Page - Analog Devices

Part # AD5683R
Description  Tiny 16-/14-/12-Bit SPI nanoDAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5683R Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5683R Datasheet HTML 20Page - Analog Devices AD5683R Datasheet HTML 21Page - Analog Devices AD5683R Datasheet HTML 22Page - Analog Devices AD5683R Datasheet HTML 23Page - Analog Devices AD5683R Datasheet HTML 24Page - Analog Devices AD5683R Datasheet HTML 25Page - Analog Devices AD5683R Datasheet HTML 26Page - Analog Devices AD5683R Datasheet HTML 27Page - Analog Devices AD5683R Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD5683R/AD5682R/AD5681R/AD5683
Data Sheet
Rev. D | Page 26 of 28
THERMAL HYSTERESIS
Thermal hysteresis is the voltage difference induced on the
reference voltage by sweeping the temperature from ambient
to cold, to hot, and then back to ambient.
The thermal hysteresis data is shown in Figure 54. It is measured by
sweeping the temperature from ambient to −40°C, then to +105°C,
and finally returning to ambient. The VREF delta is next measured
between the two ambient measurements; the result is shown in a
solid line in Figure 54. The same temperature sweep and measure-
ments were immediately repeated; the results are shown in a
patterned line in Figure 54.
6
4
5
3
2
1
0
–100
60
20
–20
–60
40
0
–40
–80
DISTORTION (ppm)
FIRST TEMPERATURE SWEEP
SUBSEQUENT…
Figure 54. Thermal Hysteresis
POWER-UP SEQUENCE
Because there are diodes to limit the voltage compliance at the
digital pins and analog pins, it is important to power GND first
before applying any voltage to VDD, VOUT, and VLOGIC. Otherwise,
the diode is forward-biased such that VDD is powered uninten-
tionally. The ideal power-up sequence is GND, VDD, VLOGIC,
VREF, followed by the digital inputs.
RECOMMENDED REGULATOR
The AD5683R/AD5682R/AD5681R/AD5683 use a 5 V (VDD)
supply as well as a digital logic supply (VLOGIC).
The analog and digital supplies required for the AD5683R/
AD5682R/AD5681R/AD5683 can be generated using Analog
Devices, Inc., low dropout (LDO) regulators such as the ADP7118
and the ADP162, respectively, for analog and digital supplies.
LAYOUT GUIDELINES
In any circuit where accuracy is important, careful consideration of
the power supply and ground return layout helps to ensure the
rated performance. The printed circuit board (PCB) on which the
ADCs are mounted must be designed such that the AD5683R/
AD5682R/AD5681R/AD5683 lie on the analog plane.
Ensure that the AD5683R/AD5682R/AD5681R/AD5683 have
ample supply bypassing of 10 µF, in parallel with a 0.1 µF capacitor
on each supply that is located as near to the package as possible
(ideally, right up against the device). The 10 µF capacitors are
of the tantalum bead type. The 0.1 µF capacitor must have
low effective series resistance (ESR) and low effective series
inductance (ESI), such as the common ceramic types, which
provide a low impedance path to ground at high frequencies to
handle transient currents due to internal logic switching.
In systems where there are many devices on one board, it is
often useful to provide some heat sinking capability to allow
the power to dissipate easily.
The LFCSP packages of the AD5683R/AD5682R/AD5681R/
AD5683 have an exposed pad beneath the device. Connect this
pad to the GND supply of the device. For optimum performance,
use special consideration when designing the motherboard and
mounting the package. For enhanced thermal, electrical, and
board level performance, solder the exposed pad on the bottom
of the package to the corresponding thermal land pad on the
PCB. Design thermal vias into the PCB land pad area to further
improve heat dissipation.
The GND plane on the device can be increased (as shown in
Figure 55) to provide a natural heat sinking effect.
AD5683R/
AD5682R/
AD5681R/
AD5683
GND
PLANE
BOARD
Figure 55. Pad Connection to Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com