Electronic Components Datasheet Search
  English  ▼

X  

AD5683R Datasheet(PDF) 28 Page - Analog Devices

Part # AD5683R
Description  Tiny 16-/14-/12-Bit SPI nanoDAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5683R Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5683R Datasheet HTML 20Page - Analog Devices AD5683R Datasheet HTML 21Page - Analog Devices AD5683R Datasheet HTML 22Page - Analog Devices AD5683R Datasheet HTML 23Page - Analog Devices AD5683R Datasheet HTML 24Page - Analog Devices AD5683R Datasheet HTML 25Page - Analog Devices AD5683R Datasheet HTML 26Page - Analog Devices AD5683R Datasheet HTML 27Page - Analog Devices AD5683R Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
AD5683R/AD5682R/AD5681R/AD5683
Data Sheet
Rev. D | Page 28 of 28
ORDERING GUIDE
Model1
Resolution
(Bits)
Pinout
Temperature Range
Performance
Package
Description
Package
Option
Branding
AD5683RACPZ-RL7
16
LDAC
−40°C to +105°C
A Grade
8-Lead LFCSP_UD
CP-8-10
94
AD5683RACPZ-1RL7
16
VLOGIC
−40°C to +105°C
A Grade
8-Lead LFCSP_UD
CP-8-10
95
AD5683RACPZ-2RL7
16
RESET
−40°C to +105°C
A Grade
8-Lead LFCSP_UD
CP-8-10
96
AD5683RARMZ
16
VLOGIC
−40°C to +105°C
A Grade
10-Lead MSOP
RM-10
DHY
AD5683RARMZ-RL7
16
VLOGIC
−40°C to +105°C
A Grade
10-Lead MSOP
RM-10
DHY
AD5683RBRMZ
16
VLOGIC
−40°C to +105°C
B Grade
10-Lead MSOP
RM-10
DHZ
AD5683RBRMZ-RL7
16
VLOGIC
−40°C to +105°C
B Grade
10-Lead MSOP
RM-10
DHZ
AD5683RBRMZ-3
16
SDO
−40°C to +105°C
B Grade
10-Lead MSOP
RM-10
DJ0
AD5683RBRMZ-3-RL7
16
SDO
−40°C to +105°C
B Grade
10-Lead MSOP
RM-10
DJ0
AD5683RBCPZ-RL7
16
LDAC
−40°C to +105°C
B Grade
8-Lead LFCSP_UD
CP-8-10
97
AD5683RBCPZ-1RL7
16
VLOGIC
−40°C to +105°C
B Grade
8-Lead LFCSP_UD
CP-8-10
DX
AD5683BCPZ-RL7
16
LDAC
−40°C to +105°C
B Grade
8-Lead LFCSP_UD
CP-8-10
9A
AD5682RBCPZ-RL7
14
LDAC
−40°C to +105°C
B Grade
8-Lead LFCSP_UD
CP-8-10
9B
AD5681RBCPZ-RL7
12
LDAC
−40°C to +105°C
B Grade
8-Lead LFCSP_UD
CP-8-10
98
AD5681RBCPZ-1RL7
12
VLOGIC
−40°C to +105°C
B Grade
8-Lead LFCSP_UD
CP-8-10
99
AD5681RBRMZ
12
VLOGIC
−40°C to +105°C
B Grade
10-Lead MSOP
RM-10
DHX
AD5681RBRMZ-RL7
12
VLOGIC
−40°C to +105°C
B Grade
10-Lead MSOP
RM-10
DHX
EVAL-AD5683RSDZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2013–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D11955-0-12/16(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com