Electronic Components Datasheet Search
  English  ▼

X  

AD5697R Datasheet(PDF) 18 Page - Analog Devices

Part # AD5697R
Description  Dual, 12-Bit nanoDAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5697R Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5697R Datasheet HTML 14Page - Analog Devices AD5697R Datasheet HTML 15Page - Analog Devices AD5697R Datasheet HTML 16Page - Analog Devices AD5697R Datasheet HTML 17Page - Analog Devices AD5697R Datasheet HTML 18Page - Analog Devices AD5697R Datasheet HTML 19Page - Analog Devices AD5697R Datasheet HTML 20Page - Analog Devices AD5697R Datasheet HTML 21Page - Analog Devices AD5697R Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
AD5697R
Data Sheet
Rev. B | Page 18 of 27
SERIAL INTERFACE
The AD5697R has a 2-wire I2C-compatible serial interface (refer
to I2C-Bus Specification, Version 2.1, January 2000, available from
Philips Semiconductor). See Figure 2 for a timing diagram of a
typical write sequence. The AD5697R can be connected to an I2C
bus as a slave device, under the control of a master device. The
AD5697R can support standard (100 kHz) and fast (400 kHz) data
transfer modes. Support is not provided for 12-bit addressing
and general call addressing.
Input Shift Register
The input shift register of the AD5697R is 24 bits wide. Data is
loaded into the device as a 24-bit word under the control of
a serial clock input, SCL. The first eight MSBs make up the
command byte. The first four bits are the command bits (C3, C2,
C1, and C0) that control the mode of operation of the device
(see Table 7). The last four bits of the first byte are the address bits
(DAC B, 0, 0, and DAC A, see Table 8).
The data-word comprises 12-bit input code, followed by four don’t
care bits for the AD5697R. These data bits are transferred to the
input register on the 24 falling edges of SCL.
Commands can be executed on individual DAC channels or
both DAC channels, depending on the address bits selected.
Table 7. Command Definitions
Command
C3
C2
C1
C0
Description
0
0
0
0
No operation
0
0
0
1
Write to Input Register n (dependent on
LDAC)
0
0
1
0
Update DAC Register n with contents of
Input Register n
0
0
1
1
Write to and update DAC Channel n
0
1
0
0
Power down/power up DAC
0
1
0
1
Hardware LDAC mask register
0
1
1
0
Software reset (power-on reset)
0
1
1
1
Internal reference setup register
1
0
0
0
Reserved
…
…
…
…
Reserved
1
1
1
1
Reserved
Table 8. Address Commands
Address (n)
DAC B
0
0
DAC A
Description
0
0
0
1
DAC A
1
0
0
0
DAC B
1
0
0
1
DAC A and DAC B
WRITE AND UPDATE COMMANDS
Write to Input Register n (Dependent on LDAC)
Command 0001 allows the user to write to the dedicated input
register of each DAC individually. When LDAC is low, the input
register is transparent (if not controlled by the LDAC mask
register).
Update DAC Register n with Contents of Input Register n
Command 0010 loads the DAC registers/outputs with the contents
of the input registers selected and updates the DAC outputs
directly.
Write to and Update DAC Channel n (Independent of LDAC)
Command 0011 allows the user to write to the DAC registers and
update the DAC outputs directly.
Figure 42. Input Shift Register Content
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C3
C2
C1
C0
DAC B
0
0
DAC A
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
COMMAND
DAC ADDRESS
DAC DATA
DAC DATA
COMMAND BYTE
DATA HIGH BYTE
DATA LOW BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com