Electronic Components Datasheet Search
  English  ▼

X  

MX881 Datasheet(PDF) 4 Page - IXYS Corporation

Part # MX881
Description  Xenon Flash Controller & LED Torch Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX881 Datasheet(HTML) 4 Page - IXYS Corporation

  MX881 Datasheet HTML 1Page - IXYS Corporation MX881 Datasheet HTML 2Page - IXYS Corporation MX881 Datasheet HTML 3Page - IXYS Corporation MX881 Datasheet HTML 4Page - IXYS Corporation MX881 Datasheet HTML 5Page - IXYS Corporation MX881 Datasheet HTML 6Page - IXYS Corporation MX881 Datasheet HTML 7Page - IXYS Corporation MX881 Datasheet HTML 8Page - IXYS Corporation MX881 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MX881
IXYS
DC Characteristics
Junction temperature range -20 to +115
°C
Symbol Parameter
Condition
Min
Typ
Max
Unit
AVCC
Supply Voltage – Analog and
voltage doubler
3
3.6
5.5
V
DVCC
Supply Voltage – Digital I/O
1.65
3.3
5.5
V
ICC
Supply Current (When Charging)
4
mA
ISTANDBY Supply Current (Not Charging)
@ 25° C
0.1
µA
ISW_LEAK SW pin Leakage Current
@ 25° C Vsw = 40V
30
nA
VT+
Schmitt trigger, positive-going
threshold (All digital inputs)
1.65V < DVCC < 2.4V
1.3
V
VT-
Schmitt trigger, negative-going
threshold (All digital inputs)
1.65V < DVCC < 2.4V
0.4
V
Vhys
Hysteresis, Schmitt trigger
1.65V < DVCC < 2.4V
0.15
V
VT+
Schmitt trigger, positive-going
threshold (All digital inputs)
2.4V < DVCC < 3.6V
1.6
V
VT-
Schmitt trigger, negative-going
threshold (All digital inputs)
2.4V < DVCC < 3.6V
0.65
V
Vhys
Hysteresis, Schmitt trigger
2.4V < DVCC < 3.6V
0.16
V
VT+
Schmitt trigger, positive-going
threshold (All digital inputs)
3.6 < DVCC <5.5V
2.1
V
VT-
Schmitt trigger, negative-going
threshold (All digital inputs)
3.6V < DVCC <5.5V
0.9
V
Vhys
Hysteresis, Schmitt trigger
3.6V < DVCC <5.5V
0.17
V
IIN
Input Current
VIN = DVCC or GND
-10
10
µA
VOL
Output Low Voltage
2K to DVCC
0.15
V
VOH
Output High Voltage
2K to Ground
DVCC-0.3
V
RSW
SW Switch on resistance
DVCC = 3.0V
.15
.25
.50
Ω
RSW
SW Switch on resistance
DVCC=3.0V, @ 25°C
.19
.25
.32
ILED
LED drive current
VLED > 0.5V
85
100
115
mA
IPEAK
Primary Peak Current
.7
A
OVS = 11
1.20
1.23
1.26
V
OVS = 10
1.16
1.19
1.22
V
OVS = 01
1.12
1.15
1.18
V
VTRIP
Output Voltage Trip Point
OVS = 00
1.10
1.12
1.14
V
MX881
4
7/30/07
Drawing No. 088109
www.claremicronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com