Electronic Components Datasheet Search
  English  ▼

X  

MX881 Datasheet(PDF) 6 Page - IXYS Corporation

Part # MX881
Description  Xenon Flash Controller & LED Torch Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX881 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button MX881 Datasheet HTML 2Page - IXYS Corporation MX881 Datasheet HTML 3Page - IXYS Corporation MX881 Datasheet HTML 4Page - IXYS Corporation MX881 Datasheet HTML 5Page - IXYS Corporation MX881 Datasheet HTML 6Page - IXYS Corporation MX881 Datasheet HTML 7Page - IXYS Corporation MX881 Datasheet HTML 8Page - IXYS Corporation MX881 Datasheet HTML 9Page - IXYS Corporation MX881 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MX881
6
7/30/07
Drawing No. 088109
www.claremicronix.com
MX881
IXYS
Average Battery Current
The 3 bits (ABC2 – ABC0) of the control register are used to program the maximum average battery
current during a charge cycle. The MX881 does this by limiting the minimum off time during a switching
cycle. The off time compensates for variation of the battery voltage so that the average current is
independent of battery voltage. The default value of ABC is 101. With the default value of ABC, the
average battery current control circuits are disabled for maximum efficiency, and the maximum battery
current is approximately 220mA. The average current versus the output voltage is shown in Figure1.
The battery current peak value is preset internally to 0.7A. This current must be averaged by placing an
external bypass capacitor from VCC to ground. A 10uF capacitor is recommended for good current
smoothing and averaging.
Figure 1 - Average Battery Current
Average Battery Current Setting of 50mA (ABC = 000)
0
10
20
30
40
50
60
0
100
200
300
400
V
VCC = 3.0V
VCC = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com