Electronic Components Datasheet Search
  English  ▼

X  

MX881 Datasheet(PDF) 5 Page - IXYS Corporation

Part # MX881
Description  Xenon Flash Controller & LED Torch Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX881 Datasheet(HTML) 5 Page - IXYS Corporation

  MX881 Datasheet HTML 1Page - IXYS Corporation MX881 Datasheet HTML 2Page - IXYS Corporation MX881 Datasheet HTML 3Page - IXYS Corporation MX881 Datasheet HTML 4Page - IXYS Corporation MX881 Datasheet HTML 5Page - IXYS Corporation MX881 Datasheet HTML 6Page - IXYS Corporation MX881 Datasheet HTML 7Page - IXYS Corporation MX881 Datasheet HTML 8Page - IXYS Corporation MX881 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MX881
IXYS
AC Characteristics
Junction temperature range 0 to + 115
°C
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TSTART
CHARGE High to Beginning of
Charge Cycle
110
µS
TEND
CHARGE Low to End of Charge
Cycle
100
nS
TIGBT-ON
FLASH High to IGBTGATE High
CL = 6.8nF, 10% to
90%
100
nS
TIGBT-OFF
FLASH Low to IGBTGATE Low
CL = 6.8nF, 90% to
10%
100
nS
TLED-ON
LED_EN High to Iout > 90mA
TBD
µS
TLED-OFF
LED_EN Low to Iout < 1mA
TBD
µS
Control Register
The MX881 control register is a 5 bit register that allows the user to program the maximum output
voltage and the maximum average battery current during the charge cycle. Table1 shows how the bits in
the control register are assigned. ABC(2:0) are used to set the average battery current and OVS(1:0) are
used to set the output voltage selection reference.
Table 1 – Control Register
BIT:
D4
D3
D2
D1
D0
Control:
OVS1
OVS0
ABC2
ABC1
ABC0
Output Voltage Selection
The MX881 limits the high voltage placed on the external capacitor by comparing a divided down version
of the secondary flyback voltage to an internal voltage. This internal voltage is programmable to 4
discrete values to allow the user to change the flash energy. The external voltage divider ratio needed to
obtain 330V maximum output voltage should be 269 to 1. This external resistor divider network is also
used to form a low pass filter with an internal capacitor so it is important that the equivalent resistance of
the voltage divider network be 3K ohms. Table 2 shows the internal reference values used for possible
values of the capacitor charge voltage. The default value is 11.
Table 2 - Output Voltage Selection
OVS Value (Binary)
Reference Voltage (VTRIP)
Capacitor Voltage
11
1.23
330
10
1.19
320
01
1.15
310
00
1.12
300
MX881
5
7/30/07
Drawing No. 088109
www.claremicronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com