Electronic Components Datasheet Search
  English  ▼

X  

LM5180 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5180
Description  70-VIN PSR Flyback DC/DC Converter With 100-V, 1.5-A Integrated MOSFET
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5180 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5180 Datasheet HTML 17Page - Texas Instruments LM5180 Datasheet HTML 18Page - Texas Instruments LM5180 Datasheet HTML 19Page - Texas Instruments LM5180 Datasheet HTML 20Page - Texas Instruments LM5180 Datasheet HTML 21Page - Texas Instruments LM5180 Datasheet HTML 22Page - Texas Instruments LM5180 Datasheet HTML 23Page - Texas Instruments LM5180 Datasheet HTML 24Page - Texas Instruments LM5180 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
UVLO1
UV2
UV1
IN(on)
UVLO1
V
1.5 V
R
R
340 k
68 k
V
V
9 V 1.5 V
˜
: ˜
:
UVLO2
IN(on)
IN(off)
UVLO1
UV1
UVLO
V
1.45 V
V
V
9 V
7 V
V
1.5 V
R
340k
I
5 $
˜
˜
:
OUT
D
PS
FB
V
V
N
15 V
0.3 V 1
R
154 k
0.1 mA
0.1 mA
˜
˜
:
IN(max)
D2-REV
OUT2
PS
V
V
V
70 V 0.55
8 V
46.5 V
N
t
˜
IN(max)
D1-REV
OUT1
PS
V
70 V
V
V
15 V
85 V
N
1
t
21
LM5180-Q1
www.ti.com
SNVSB07A – JULY 2018 – REVISED AUGUST 2018
Product Folder Links: LM5180-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(32)
(33)
Choose a 200-V, 1-A ultra-fast switching diode and a 100-V, 1-A Schottky diode for the positive and negative
outputs, respectively, to allow some margin for inevitable voltage overshoot and ringing related to leakage
inductance and diode capacitance. If needed, use a diode RC snubber circuit, for example 100 Ω and 22 pF, to
mitigate such overshoot and ringing.
8.2.2.2.3
Input Capacitor – CIN
The input capacitor, CIN, filters the primary-side triangular current waveform. To prevent large ripple voltage, use
a low-ESR ceramic input capacitor sized according to Equation 23 for the RMS ripple current given by
Equation 24. In this design example, choose a 4.7-µF, 100-V ceramic input capacitor with X7S dielectric and
1210 footprint.
8.2.2.2.4
Feedback Resistor – RFB
Install a 154-kΩ resistor from SW to FB based on an output voltage setpoint of 15 V (plus a flyback diode voltage
drop) reflected to the primary by a transformer turns ratio of unity.
(34)
8.2.2.2.5
UVLO Resistors – RUV1, RUV2
Given VIN(on) and VIN(off) as the input voltage turn-on and turn-off thresholds of 9 V and 7 V, respectively, select
the upper and lower UVLO resistors using Equation 35 and Equation 36.
(35)
(36)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com