Electronic Components Datasheet Search
  English  ▼

X  

LM5180 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5180
Description  70-VIN PSR Flyback DC/DC Converter With 100-V, 1.5-A Integrated MOSFET
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5180 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5180 Datasheet HTML 8Page - Texas Instruments LM5180 Datasheet HTML 9Page - Texas Instruments LM5180 Datasheet HTML 10Page - Texas Instruments LM5180 Datasheet HTML 11Page - Texas Instruments LM5180 Datasheet HTML 12Page - Texas Instruments LM5180 Datasheet HTML 13Page - Texas Instruments LM5180 Datasheet HTML 14Page - Texas Instruments LM5180 Datasheet HTML 15Page - Texas Instruments LM5180 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
IOUT = 1 A
SW
FB
VIN
EN/UVLO
TC
GND
SS/BIAS
RSET
LM5180
COUT
CIN
100 F
4.7 F
T1
VIN = 10 V...70 V
3 : 1
DFLY
RSET
12.1 k:
RFB
158 k:
DCLAMP
DF
RTC
130 k:
Copyright © 2018, Texas Instruments Incorporated
RUV1
536 k:
RUV2
100 k:
DOUT
5.6 V
30 PH
VOUT = 5 V
24 V
12
LM5180-Q1
SNVSB07A – JULY 2018 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: LM5180-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM5180-Q1 requires only a few external components to convert from a wide range of supply voltages to one
or more isolated output rails. To expedite and streamline the process of designing of a LM5180-Q1-based
converter, a comprehensive LM5180-Q1 quick-start calculator is available for download to assist the designer
with component selection for a given application. WEBENCH® online software is also available to generate
complete designs, leveraging iterative design procedures and access to comprehensive component databases.
The following sections discuss the design procedure for both single- and dual-output implementations using
specific circuit design examples.
As mentioned previously, the LM5180-Q1 also integrates several optional features to meet system design
requirements, including precision enable, input UVLO, programmable soft start, output voltage thermal
compensation, and external bias supply connection. Each application incorporates these features as needed for
a more comprehensive design. The application circuits detailed in Typical Applications show LM5180-Q1
configuration options suitable for several application use cases. Refer to the LM5180EVM-S05 EVM user's guide
for more detail.
8.2 Typical Applications
For step-by-step design procedures, circuit schematics, bill of materials, PCB files, simulation and test results,
refer to the TI Designs reference design library.
8.2.1 Design 1: Wide VIN, Low IQ PSR Flyback Converter Rated at 5 V, 1 A
The schematic diagram of a 5-V, 1-A PSR flyback converter is given in Figure 5.
Figure 5. Schematic for Design 1 With VIN(nom) = 24 V, VOUT = 5 V, IOUT = 1 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com