Electronic Components Datasheet Search
  English  ▼

X  

LM5180 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5180
Description  70-VIN PSR Flyback DC/DC Converter With 100-V, 1.5-A Integrated MOSFET
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5180 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5180 Datasheet HTML 9Page - Texas Instruments LM5180 Datasheet HTML 10Page - Texas Instruments LM5180 Datasheet HTML 11Page - Texas Instruments LM5180 Datasheet HTML 12Page - Texas Instruments LM5180 Datasheet HTML 13Page - Texas Instruments LM5180 Datasheet HTML 14Page - Texas Instruments LM5180 Datasheet HTML 15Page - Texas Instruments LM5180 Datasheet HTML 16Page - Texas Instruments LM5180 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13
LM5180-Q1
www.ti.com
SNVSB07A – JULY 2018 – REVISED AUGUST 2018
Product Folder Links: LM5180-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.2.1.1 Design Requirements
The required input, output, and performance parameters for this application example are shown in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
VALUE
Input voltage range
10 V to 70 V
Input UVLO thresholds
9.5 V on, 6.5 V off
Output voltage
5 V
Rated load current, VIN = 24 V
1 A
Output voltage regulation
±1%
Output voltage ripple
< 100 mV
The target full-load efficiency is 86% based on a nominal input voltage of 24 V and an isolated output voltage of
5 V. The LM5180-Q1 is chosen to deliver a fixed 5-V output voltage set by resistor RFB connected from SW to FB
pins. The input voltage turnon and turnoff thresholds are established by RUV1 and RUV2. The required
components are listed in Table 2.
Table 2. List of Components for Design 1
REF DES
QTY
SPECIFICATION
VENDOR
PART NUMBER
CIN
1
4.7 µF, 100 V, X7R, 1206, ceramic
Murata
GRM31CZ72A475KE11
4.7 µF, 100 V, X7S, 1210, ceramic, AEC-Q200
TDK
CGA6M3X7S2A475K200AB
Murata
GCM32DC72A475ME01
Taiyo Yuden
HMK325C7475MMHPE
COUT
1
100 µF, 6.3 V, X7S, 1210, ceramic
Murata
GRM32EC70J107ME15
Taiyo Yuden
JMK325AC7107MM-P
100 µF, 6.3 V, X6S, 1210, ceramic
TDK
C3225X6S0J107M250AC
Murata
GRM32EC80J107ME20L
100 µF, 6.3 V, X5R, 1210, ceramic
TDK
C3225X5R0J107M250AC
Murata
GRT32ER60J107ME13
Würth Electronik
885012109004
DCLAMP
1
Zener, 24 V, 1 W, PowerDI-123, AEC-Q101
DFLZ24-7
Diodes Inc.
DF
1
Switching diode, 75 V, 0.25 A, SOD-323
CMDD4448
Central Semi
DFLY
1
Schottky diode, 40 V, 2 A, SOD-123
FSV340FP
ONsemi
DOUT
1
Zener, 5.6 V, 5%, SOD-523, AEC-Q101
BZX585-C5V6
Nexperia
RFB
1
158 kΩ, 1%, 0402
Std
Std
RSET
1
12.1 kΩ, 1%, 0402
Std
Std
RTC
1
130 kΩ, 1%, 0402
Std
Std
RUV1
1
536 kΩ, 1%, 0603
Std
Std
RUV2
1
100 kΩ, 1%, 0402
Std
Std
T1
1
30 µH, 2 A, turns ratio 3 : 1, SMT, 9 × 10 mm
Würth Electronik
750317605
Coilcraft
YA8779-BL
40 µH, 2 A, turns ratio 3 : 1, SMT, 13 × 15 mm
Würth Electronik
750313974
U1
1
LM5180-Q1 PSR flyback converter, AEC-Q100
Texas Instruments
LM5180QNGURQ1
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Custom Design With WEBENCH® Tools
Click here to create a custom design using the LM5180-Q1 device with WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com