Electronic Components Datasheet Search
  English  ▼

X  

111RIA Datasheet(PDF) 6 Page - International Rectifier

Part # 111RIA
Description  PHASE CONTROL THYRISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

111RIA Datasheet(HTML) 6 Page - International Rectifier

  111RIA Datasheet HTML 1Page - International Rectifier 111RIA Datasheet HTML 2Page - International Rectifier 111RIA Datasheet HTML 3Page - International Rectifier 111RIA Datasheet HTML 4Page - International Rectifier 111RIA Datasheet HTML 5Page - International Rectifier 111RIA Datasheet HTML 6Page - International Rectifier 111RIA Datasheet HTML 7Page - International Rectifier 111RIA Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
110/111RIA Series
6
Bulletin I25204 rev. B 09/03
www.irf.com
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 4 - On-state Power Loss Characteristics
Fig. 3 - On-State Power Loss Characteristics
Average On-State Current (A)
Maximum Allowable Ambient Temperature (°C)
Average On-State Current (A)
Maximum Allowable Ambient Temperature (°C)
Number Of Equal Amplitude Half Cycle Current Pulses (N)
0
20
40
60
80
100 120 140
0.8
K/W
1 K/W
1.5
K/W
4 K/W
5 K/W
0.6
K/W
2 K/W
800
1000
1200
1400
1600
1800
2000
1
10
100
111RIA Series
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 140˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
500
1000
1500
2000
2500
0.01
0.1
1
10
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
111RIA Series
Initial Tj = 140˚C
No Voltage Reapplied
Rated Vrrm Reapplied
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
120
180˚
120˚
90˚
60˚
30˚
RMS Limit
Conduction Angle
111RIA Series
T = 140˚C
J
0
20
40
60
80
100 120 140
R
=
0.3
K/W
- Delta
R
0.6
K/W
0.8
K/W
1 K/W
1.5
K/W
2 K/W
4 K/W
5 K/W
0
20
40
60
80
100
120
140
160
180
200
220
0
20 40 60 80 100 120 140 160 180
DC
180˚
120˚
90˚
60˚
30˚
RMS Limit
Conduction Period
111RIA Series
T = 140˚C
J
110/111RIA Series
110/111RIA Series
110/111RIA Series
110/111RIA Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com