Electronic Components Datasheet Search
  English  ▼

X  

27C16 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 27C16
Description  16,384-Bit (2048 x 8) UV Erasable CMOS PROM Military Qualified
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

27C16 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  27C16 Datasheet HTML 1Page - National Semiconductor (TI) 27C16 Datasheet HTML 2Page - National Semiconductor (TI) 27C16 Datasheet HTML 3Page - National Semiconductor (TI) 27C16 Datasheet HTML 4Page - National Semiconductor (TI) 27C16 Datasheet HTML 5Page - National Semiconductor (TI) 27C16 Datasheet HTML 6Page - National Semiconductor (TI) 27C16 Datasheet HTML 7Page - National Semiconductor (TI) 27C16 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Connection Diagram
27C256
27C128
27C64
27C32
27256
27128
2764
2732
VPP
VPP
VPP
A12
A12
A12
A7
A7
A7
A7
A6
A6
A6
A6
A5
A5
A5
A5
A4
A4
A4
A4
A3
A3
A3
A3
A2
A2
A2
A2
A1
A1
A1
A1
A0
A0
A0
A0
O0
O0
O0
O0
O1
O1
O1
O1
O2
O2
O2
O2
GND
GND
GND
GND
Dual-In-Line Package
27C16Q
TLD10329 – 2
Top View
27C32
27C64
27C128
27256
2732
2764
27128
27256
VCC
VCC
VCC
PGM
PGM
A14
VCC
NC
A13
A13
A8
A8
A8
A8
A9
A9
A9
A9
A11
A11
A11
A11
OE VPP
OE
OE
OE
A10
A10
A10
A10
CE
CE
CE
CE
O7
O7
O7
O7
O6
O6
O6
O6
O5
O5
O5
O5
O4
O4
O4
O4
O3
O3
O3
O3
Note
Socket compatible EPROM pin configurations are shown in the blocks adjacent to the 27C16 pins
Military Temp Range (b55 Cto a125 C) VCC e 5V g10%
ParameterOrder Number
Access Time (ns)
27C16Q450883
450
27C16Q550883
550
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com