Electronic Components Datasheet Search
  English  ▼

X  

27C16 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 27C16
Description  16,384-Bit (2048 x 8) UV Erasable CMOS PROM Military Qualified
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

27C16 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  27C16 Datasheet HTML 1Page - National Semiconductor (TI) 27C16 Datasheet HTML 2Page - National Semiconductor (TI) 27C16 Datasheet HTML 3Page - National Semiconductor (TI) 27C16 Datasheet HTML 4Page - National Semiconductor (TI) 27C16 Datasheet HTML 5Page - National Semiconductor (TI) 27C16 Datasheet HTML 6Page - National Semiconductor (TI) 27C16 Datasheet HTML 7Page - National Semiconductor (TI) 27C16 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLD10329
January 1989
27C16
16384-Bit (2048 x 8) UV Erasable CMOS PROM
Military Qualified
General Description
The 27C16 is a high speed 16K UV erasable and electrically
reprogrammable CMOS EPROM ideally suited for applica-
tions where fast turnaround pattern experimentation and
low power consumption are important requirements
The 27C16 is packaged in a 24-pin dual-in-line package with
transparent lid The transparent lid allows the user to ex-
pose the chip to ultraviolet light to erase the bit pattern A
new pattern can then be written into the device by following
the programming procedure
This EPROM is fabricated with the reliable high volume
time proven P2CMOSTM silicon gate technology
The 27C16 specified on this data sheet is fully compliant
with MIL-STD-883 Revision C
Features
Y
Access time down to 450 ns
Y
Low CMOS power consumption
Active Power 2625 mW max
Standby Power 053 mW max (98% savings)
Y
Performance compatible to NSC800TM CMOS micro-
processor
Y
Single 5V power supply
Y
Pin compatible to MM2716 and higher density EPROMs
Y
Staticno clocks required
Y
TTL compatible inputsoutputs
Y
TRI-STATE
output
Y
Windowed DIP Package
Y
Specifications guaranteed over full military temperature
range (b55 Cto a125 C)
Block Diagram
TLD10329 – 1
Pin Names
A0 – A10
Addresses
CE
Chip Enable
OE
Output Enable
O0–O7
Outputs
PGM
Program
NC
No Connect
TRI-STATE
is a registered trademark of National Semiconductor Corporation
NS800TM are P2CMOSTM trademarks of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 27C16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
27C160 STMICROELECTRONICS-27C160 Datasheet
187Kb / 19P
16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
Jan-2002
logo
Macronix International
27C1610-10 MCNIX-27C1610-10 Datasheet
321Kb / 19P
16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
27C1610-12 MCNIX-27C1610-12 Datasheet
321Kb / 19P
16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
logo
Microchip Technology
27C16A-15IL MICROCHIP-27C16A-15IL Datasheet
64Kb / 8P
16K (2K x 8) CMOS EEPROM
1996
27C16A-15IP MICROCHIP-27C16A-15IP Datasheet
64Kb / 8P
16K (2K x 8) CMOS EEPROM
1996
More results

Similar Description - 27C16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM2532 MOTOROLA-MCM2532 Datasheet
208Kb / 6P
4096 x 8-BIT UV ERASABLE PROM
logo
National Semiconductor ...
NMC2532 NSC-NMC2532 Datasheet
222Kb / 5P
32k-Bit (4k x 8) UV Erasable PROM
logo
Fairchild Semiconductor
NMC27C16B FAIRCHILD-NMC27C16B Datasheet
335Kb / 9P
16,384-Bit (2048 x 8) CMOS EPROM
logo
Advanced Micro Devices
AM27S191 AMD-AM27S191 Datasheet
416Kb / 10P
16,384-BIT (2048 x 8) BIPOLAR PROM
logo
STMicroelectronics
ET2716 STMICROELECTRONICS-ET2716 Datasheet
298Kb / 6P
16,384-BIT (2048 x 8) UV ERASABLE PROM MEMORY COMPONENTS
logo
National Semiconductor ...
MM1702A NSC-MM1702A Datasheet
355Kb / 6P
MM1702A 2048-Bit (256 x 8 ) UV Erasable PROM
MM2716E NSC-MM2716E Datasheet
599Kb / 6P
16,384-Bit (2048 x 8) UV Erasable PROM Extended Temperature Range
logo
STMicroelectronics
ST27C1001 STMICROELECTRONICS-ST27C1001 Datasheet
132Kb / 2P
1024K ( 128K X 8 ) CMOS UV ERASABLE PROM
logo
National Semiconductor ...
MM2716 NSC-MM2716 Datasheet
293Kb / 7P
16,384-Bit(2048x8) UV Erasable PROM
NMC27C256 NSC-NMC27C256 Datasheet
325Kb / 9P
262, 144-Bit (32k X 8) UV Erasable CMOS PROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com