Electronic Components Datasheet Search
  English  ▼

X  

27C16 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 27C16
Description  16,384-Bit (2048 x 8) UV Erasable CMOS PROM Military Qualified
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

27C16 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  27C16 Datasheet HTML 1Page - National Semiconductor (TI) 27C16 Datasheet HTML 2Page - National Semiconductor (TI) 27C16 Datasheet HTML 3Page - National Semiconductor (TI) 27C16 Datasheet HTML 4Page - National Semiconductor (TI) 27C16 Datasheet HTML 5Page - National Semiconductor (TI) 27C16 Datasheet HTML 6Page - National Semiconductor (TI) 27C16 Datasheet HTML 7Page - National Semiconductor (TI) 27C16 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PROGRAMMING CHARACTERISTICS (Note 1)
DC Programming Characteristics (Notes23)
(TA ea25 C g5 C VCC e 5V g10% VPP e 25V g1V)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ILI
Input Current (for Any Input)
VIN e VCC or GND
10
m
A
IPP
VPP Supply Current during
CE PGM e VIH
30
mA
Programming Pulse
ICC
VCC Supply Current
10
mA
VIL
Input Low Level
b
01
08
V
VIH
Input High Level
20
VCC a1V
AC Programming Characteristics (Notes23)
(TA ea25 C g5 C VCC e 5V g10% VPP e 25V g1V)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tAS
Address Setup Time
2
m
s
tOES
OE Setup Time
2
m
S
tDS
Data Setup Time
2
m
s
tAH
Address Hold Time
2
m
s
tOEH
OE Hold Time
2
m
s
tDH
Data Hold Time
2
m
s
tDF
Output Enable to Output Float Delay
CE PGM e VIL
0
120
ns
tOE
Output Enable to Output Delay
CE PGM e VIL
100
ns
tPW
Program Pulse Width
45
50
55
ms
tPRT
Program Pulse Rise Time
5
ns
tPFT
Program Pulse Fall Time
5
ns
AC Test Conditions
VCC
5V g10%
VPP
25V g1V
Input Rise and Fall Times
s
20 ns
Input Pulse Levels
08V to 22V
Timing Measurement Reference Level
Inputs
1V and 2V
Outputs
08V and 2V
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com