Electronic Components Datasheet Search
  English  ▼

X  

PRF-1150 Datasheet(PDF) 12 Page - IXYS Corporation

Part # PRF-1150
Description  RF GENERATOR EVALUATION MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PRF-1150 Datasheet(HTML) 12 Page - IXYS Corporation

Back Button PRF-1150 Datasheet HTML 8Page - IXYS Corporation PRF-1150 Datasheet HTML 9Page - IXYS Corporation PRF-1150 Datasheet HTML 10Page - IXYS Corporation PRF-1150 Datasheet HTML 11Page - IXYS Corporation PRF-1150 Datasheet HTML 12Page - IXYS Corporation PRF-1150 Datasheet HTML 13Page - IXYS Corporation PRF-1150 Datasheet HTML 14Page - IXYS Corporation PRF-1150 Datasheet HTML 15Page - IXYS Corporation PRF-1150 Datasheet HTML 16Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
PRF-1150 13.56MHz 1kW Class E RF Generator
Doc #9200-0255 Rev 1
 2002 Directed Energy, Inc.
11
Figure 10: Drain Waveform @ U3, Drain, 1KW output power
The quasi-sine drain waveform of U3 is converted to a sine wave by the resonant action
of the tank network (Ct and Lt in Figure 7). The higher the Q of the resonant tank, the
more pure the sine wave is and the lesser the harmonic content in the RF output.
Figure 11 shows the output waveform at the 50Ω load after the output tank and
matching network. Figure 12 is a frequency domain measurement of the PRF-1150
harmonic content. The output power is 1KW (60 dBm) and note the second and all
higher harmonics are greater than 30 dB below the fundamental signal (≤ -30dBc).
Further filtering can easily be added in the output-matching network if additional
harmonic suppression is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com