Electronic Components Datasheet Search
  English  ▼

X  

PRF-1150 Datasheet(PDF) 17 Page - IXYS Corporation

Part # PRF-1150
Description  RF GENERATOR EVALUATION MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PRF-1150 Datasheet(HTML) 17 Page - IXYS Corporation

Back Button PRF-1150 Datasheet HTML 12Page - IXYS Corporation PRF-1150 Datasheet HTML 13Page - IXYS Corporation PRF-1150 Datasheet HTML 14Page - IXYS Corporation PRF-1150 Datasheet HTML 15Page - IXYS Corporation PRF-1150 Datasheet HTML 16Page - IXYS Corporation PRF-1150 Datasheet HTML 17Page - IXYS Corporation PRF-1150 Datasheet HTML 18Page - IXYS Corporation PRF-1150 Datasheet HTML 19Page - IXYS Corporation PRF-1150 Datasheet HTML 20Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
PRF-1150 13.56MHz 1kW Class E RF Generator
Doc #9200-0255 Rev 1
 2002 Directed Energy, Inc.
16
Figure 15: PRF-1150 SPICE Gate Drive Signal
Figure 16: PRF-1150 SPICE Drain Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com