Electronic Components Datasheet Search
  English  ▼

X  

PRF-1150 Datasheet(PDF) 2 Page - IXYS Corporation

Part # PRF-1150
Description  RF GENERATOR EVALUATION MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PRF-1150 Datasheet(HTML) 2 Page - IXYS Corporation

  PRF-1150 Datasheet HTML 1Page - IXYS Corporation PRF-1150 Datasheet HTML 2Page - IXYS Corporation PRF-1150 Datasheet HTML 3Page - IXYS Corporation PRF-1150 Datasheet HTML 4Page - IXYS Corporation PRF-1150 Datasheet HTML 5Page - IXYS Corporation PRF-1150 Datasheet HTML 6Page - IXYS Corporation PRF-1150 Datasheet HTML 7Page - IXYS Corporation PRF-1150 Datasheet HTML 8Page - IXYS Corporation PRF-1150 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
PRF-1150 13.56MHz 1kW Class E RF Generator
Doc #9200-0255 Rev 1
 2002 Directed Energy, Inc.
1
INTRODUCTION
DEI has developed an RF module to demonstrate the capabilities of our DEIC420 RF
MOSFET gate driver IC and DE275-102N06X2A 1000V 6A RF MOSFET at ISM
frequencies. The PRF-1150 module produces 1000W CW of RF output at 13.56MHz.
with 85% DC to RF conversion efficiency. The module is a self-contained RF generator.
To produce 1kW of RF output, only external DC power need be applied. The module
dimensions as shown in Figure 1 are 6.75” x 3.1” x 2.7” including an air-cooled heatsink
and copper heat-spreader. Impingement flow from a standard 4.5” bench fan provides
adequate cooling for the 1kW output level. Standard 0.1” dual and single row headers
are used for DC input to the module and a single right-angle BNC connector is used for
RF output to a 1kW 50
Ω RF load or attenuator.
Figure 1: PRF-1150 1KW RF Generator Module
MODULE DESCRIPTION
Please refer to Figures 1-6 during this module description. Low-Voltage DC is applied
to the module via connector J1. 5V @ 30 ma and 15V @ 3A are applied to J1 pins 4
and 2 respectively. LEDs D3 and D5 glow green if the appropriate voltages are applied.
U1 is a 13.56MHz clock providing a 50% DC, 0-5V square wave. U2A provides a pulse-
width adjustable source to drive U4, the DEIC420 gate driver IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com