| Electronic Components Datasheet Search |
|
LTC3409 Datasheet(PDF) 14 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3409 Datasheet(HTML) 14 Page - Linear Technology |
|
14 / 16 page ![]() 14 LTC3409 3409f APPLICATIO S I FOR ATIO Design Example As a design example, assume the LTC3409 is used in a 2-alkaline cell battery-powered application. The VIN will be operating from a maximum of 3.2V down to about 1.8V. The load current requirement is a maximum of 600mA but most of the time it will be in standby mode, requiring only 2mA. Efficiency at both low and high load currents is important. Output voltage is 1.5V. With this information we can calculate L using Equation 2: L fI V V V L OUT OUT IN = ∆ ⎛ ⎝ ⎜ ⎞ ⎠ ⎟ 1 1 • – (2) Substituting VOUT = 1.5V, VIN = 3.2V, ∆IL = 240mA and f = 1.7MHz in Equation 2 gives: L MHz mA H = ⎛ ⎝ ⎜ ⎞ ⎠ ⎟ ≅ µ 1 1 7 240 15 1 15 32 22 .• .– . . . For best efficiency choose a 750mA or greater inductor with less than 0.3Ω series resistance. CIN will require an RMS current rating of at least 0.3A ≅ ILOAD(MAX)/2 at temperature. For the feedback resistors, choose R2 = 133k. R1 can then be calculated from Equation 2 at 191K. Figure 4 shows the complete circuit along with its efficiency curve. Table 2 below gives 1% resistor values for selected output voltages. VOUT R1 R2 0.85V 51.1k 133k 1.2V 127k 133k 1.5V 191k 133k 1.8V 255k 133k VFB GND VIN VIN SYNC RUN SW MODE LTC3409 L1 2.2µH R1 191k C1 10pF CIN 4.7µF VIN 1.6V TO 5.5V R2 133k 3409 F04 VOUT 1.5V 0.6A COUT 10µF CER L1: SUMIDA CDRH2D18/LD Figure 4 LOAD CURRENT (mA) 30 90 100 20 10 80 50 70 60 40 0.1 10 100 1000 3409 F04b 0 1 1.8VIN 3.2VIN 2.5VIN Burst Mode Efficiency, 1.5VOUT |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |