Electronic Components Datasheet Search
  English  ▼

X  

LTC3409 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3409
Description  600mA Low Vin Buck Regulator in 3mm x 3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3409 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3409 Datasheet HTML 2Page - Linear Technology LTC3409 Datasheet HTML 3Page - Linear Technology LTC3409 Datasheet HTML 4Page - Linear Technology LTC3409 Datasheet HTML 5Page - Linear Technology LTC3409 Datasheet HTML 6Page - Linear Technology LTC3409 Datasheet HTML 7Page - Linear Technology LTC3409 Datasheet HTML 8Page - Linear Technology LTC3409 Datasheet HTML 9Page - Linear Technology LTC3409 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC3409
3409f
Start-Up from Shutdown
Load Step 0mA to 600mA
Pulse Skip
Load Step 50mA to 600mA
Pulse Skip
RUN
2V/DIV
VOUT
1V/DIV
200µs/DIV
3409 G16
INDUCTOR
CURRENT
500mA/DIV
VOUT
100mV/DIV
ILOAD
500mA/DIV
20µs/DIV
3409 G17
INDUCTOR
CURRENT
500mA/DIV
VOUT
100mV/DIV
ILOAD
500mA/DIV
20µs/DIV
3409 G18
INDUCTOR
CURRENT
500mA/DIV
Burst Mode Operation
ILOAD = 35mA
VOUT
20mV/DIV
VSWITCH
2V/DIV
2µs/DIV
3409 G19
INDUCTOR
CURRENT
200mA/DIV
Load Step 0mA to 600mA
Burst Mode Operation
Load Step 50mA to 600mA
Burst Mode Operation
VOUT
100mV/DIV
ILOAD
500mA/DIV
20µs/DIV
3409 G20
INDUCTOR
CURRENT
500mA/DIV
VOUT
100mV/DIV
ILOAD
500mA/DIV
20µs/DIV
3409 G21
INDUCTOR
CURRENT
500mA/DIV
TYPICAL PERFOR A CE CHARACTERISTICS
(From Typical Application on the front page except for the resistive divider resistor values)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com