Electronic Components Datasheet Search
  English  ▼

X  

LTC3409 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3409
Description  600mA Low Vin Buck Regulator in 3mm x 3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3409 Datasheet(HTML) 2 Page - Linear Technology

  LTC3409 Datasheet HTML 1Page - Linear Technology LTC3409 Datasheet HTML 2Page - Linear Technology LTC3409 Datasheet HTML 3Page - Linear Technology LTC3409 Datasheet HTML 4Page - Linear Technology LTC3409 Datasheet HTML 5Page - Linear Technology LTC3409 Datasheet HTML 6Page - Linear Technology LTC3409 Datasheet HTML 7Page - Linear Technology LTC3409 Datasheet HTML 8Page - Linear Technology LTC3409 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC3409
3409f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRUN
RUN Threshold
●
0.3
0.65
1.1
V
IRUN
RUN Leakage Current
0.01
1
µA
VMODE
MODE Threshold
●
0.3
0.65
1.1
V
IMODE
MODE Leakage Current
0.01
1
µA
VSYNCTH
SYNC Threshold
●
0.3
0.65
1.1
V
ISYNC
SYNC Leakage Current
0.01
1
µA
VFB
Regulated Feedback Voltage
(Note 4) TA = 25°C
0.6007
0.6130
0.6252
V
(Note 4) 0°C ≤ TA ≤ 85°C
0.5992
0.6130
0.6268
V
(Note 4) –40°C ≤ TA ≤ 85°C
●
0.5977
0.6130
0.6283
V
IVFB
Feedback Current
±30
nA
∆VOVL
∆VFBOVL Overvoltage Lockout
∆VOVL = ∆VFBOVL – VFB (Note 6)
35
61
85
mV
∆VFB
Reference Voltage Line Regulation
(Note 4)
●
0.04
0.4
%/V
∆VOUT
Output Voltage Line Regulation
IOUT = 100mA, 1.6V < VIN < 5.5V
0.04
0.4
%/V
IPK
Peak Inductor Current
VIN = 2.2V, VFB = 0.5V or VOUT = 90%,
0.75
1
1.3
A
Duty Cycle < 35%
VLOADREG
Output Voltage Load Regulation
0.5
%
VIN
Input Voltage Range
●
1.6
5.5
V
IS
Input DC Bias Current
(Note 5)
Active Mode
VOUT = 90%, ILOAD = 0A
350
475
µA
Sleep Mode
VOUT = 103%, ILOAD = 0A
65
120
µA
Shutdown
VRUN = 0V, VIN = 5.5V
0.1
5
µA
fOSC
Nominal Oscillator Frequency
SYNC = GND
●
0.9
1.7
2.1
MHz
SYNC = VIN
●
1.8
2.6
3.0
MHz
SYNC TH
SYNC Threshold
When SYNC Input is Toggling (Note 7)
0.63
V
SYNC fMIN
Minimum SYNC Pin Frequency
1
MHz
SYNC fMAX
Maximum SYNC Pin Frequency
3
MHz
SYNC PW
Minimum SYNC Pulse Width
100
ns
tSS
Soft-Start Period
RUN↑
1ms
Input Supply Voltage .................................. – 0.3V to 6V
RUN, VFB, MODE, SYNC Voltages . – 0.3V to (VIN + 0.3V)
SW Voltage ................................... – 0.3V to (VIN + 0.3V)
Operating Temperature Range (Note 2) .. – 40°C to 85°C
Junction Temperature (Note 3) ............................ 125°C
Storage Temperature Range ................ – 65°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
LTC3409EDD
ORDER PART
NUMBER
DD PART MARKING
LBNM
TJMAX = 125°C, θJA = 43°C/ W
EXPOSED PAD (PIN 9) IS GND
MUST BE SOLDERED TO PCB
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 2.2V unless otherwise specified.
ELECTRICAL CHARACTERISTICS
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
VFB
GND
VIN
VIN
SYNC
RUN
SW
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com