Electronic Components Datasheet Search
  English  ▼

X  

AD5541A Datasheet(PDF) 11 Page - Analog Devices

Part # AD5541A
Description  Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541A Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5541A Datasheet HTML 7Page - Analog Devices AD5541A Datasheet HTML 8Page - Analog Devices AD5541A Datasheet HTML 9Page - Analog Devices AD5541A Datasheet HTML 10Page - Analog Devices AD5541A Datasheet HTML 11Page - Analog Devices AD5541A Datasheet HTML 12Page - Analog Devices AD5541A Datasheet HTML 13Page - Analog Devices AD5541A Datasheet HTML 14Page - Analog Devices AD5541A Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD5541A
Rev. B | Page 11 of 20
VREF = 2.5V
VDD = 5V
TA = 25°C
DIN (5V/DIV)
VOUT (50mV/DIV)
2µs/DIV
100
10
90
0%
Figure 19. Digital Feedthrough
1.236
1.234
1.232
1.230
1.228
1.226
1.224
–0.5
0
0.5
1.0
1.5
2.0
5
0
–5
–10
–15
–20
–25
–30
TIME (ns)
VOUT
CS
Figure 20. Digital-to-Analog Glitch Impulse
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
100
90
10
0%
CS (5V/DIV)
VOUT (0.5V/DIV)
VREF = 2.5V
VDD = 5V
TA = 25°C
200pF
10pF
50pF
100pF
2µs/DIV
Figure 21. Large Signal Settling Time
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
100
90
10
0%
VOUT (1V/DIV)
VOUT (50mV/DIV)
GAIN = –216
1LSB = 8.2mV
0.5µs/DIV
VREF = 2.5V
VDD = 5V
TA = 25°C
Figure 22. Small Signal Settling Time
5
4
3
2
1
0
90
100
110
120
IDD SUPPLY (µA)
+125°C
+25°C
–55°C
Figure 23. Analog Supply Current Histogram
6
5
4
3
2
1
0
15
16
17
18
19
ILOGIC AT RAILS (µA)
+125°C
+25°C
–55°C
Figure 24. Digital Supply Current Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com