Electronic Components Datasheet Search
  English  ▼

X  

AD5541A Datasheet(PDF) 3 Page - Analog Devices

Part # AD5541A
Description  Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541A Datasheet(HTML) 3 Page - Analog Devices

  AD5541A Datasheet HTML 1Page - Analog Devices AD5541A Datasheet HTML 2Page - Analog Devices AD5541A Datasheet HTML 3Page - Analog Devices AD5541A Datasheet HTML 4Page - Analog Devices AD5541A Datasheet HTML 5Page - Analog Devices AD5541A Datasheet HTML 6Page - Analog Devices AD5541A Datasheet HTML 7Page - Analog Devices AD5541A Datasheet HTML 8Page - Analog Devices AD5541A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD5541A
Rev. B | Page 3 of 20
SPECIFICATIONS
VDD = 2.7 V to 5.5 V, 2.5 V ≤ VREF ≤ VDD, AGND = DGND = 0 V, −40°C < TA < +125°C,1 unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Condition
STATIC PERFORMANCE
Resolution
16
Bits
Relative Accuracy (INL)
±0.5
±1.0
LSB
B grade
±0.5
±2.0
LSB
A grade
Differential Nonlinearity (DNL)
±0.5
±1.0
LSB
Guaranteed monotonic
Gain Error
0.5
±2
LSB
TA = 25°C
±3
LSB
−40°C < TA < +85°C
±4
LSB
−40°C < TA < +125°C
Gain Error Temperature Coefficient
±0.1
ppm/°C
Zero-Code Error
0.3
±0.7
LSB
TA = 25°C
±1.5
LSB
−40°C < TA < +85°C
±3
LSB
−40°C < TA < +125°C
Zero-Code Temperature Coefficient
±0.05
ppm/°C
DC Power Supply Rejection Ratio
±1
LSB
ΔVDD ± 10%
OUTPUT CHARACTERISTICS2
Output Voltage Range
0
VREF − 1 LSB
V
Unipolar operation
DAC Output Impedance
6.25
kΩ
Tolerance typically 20%
DAC REFERENCE INPUT3
Reference Input Range
2.0
VDD
V
Reference Input Resistance
9
kΩ
Unipolar operation
Reference Input Capacitance
26
pF
Code 0x0000
26
pF
Code 0xFFFF
LOGIC INPUTS
Input Current
±1
μA
Input Low Voltage, VINL
0.4
V
VLOGIC = 1.8 V to 5.5 V
0.8
V
VLOGIC = 2.7 V to 5.5 V
Input High Voltage, VINH
2.4
V
VLOGIC = 4.5 V to 5.5 V
1.8
V
VLOGIC = 2.7 V to 3.6 V
1.3
V
VLOGIC = 1.8 V to 2.7 V
Input Capacitance2
10
pF
Hysteresis Voltage2
0.15
V
POWER REQUIREMENTS
VDD
2.7
5.5
V
All digital inputs at 0 V, VLOGIC, or VDD
IDD
125
150
µA
VIH = VLOGIC or VDD and VIL = GND
VLOGIC
1.8
5.5
V
ILOGIC
15
24
µA
All digital inputs at 0 V, VLOGIC, or VDD
Power Dissipation
0.625
0.825
mW
1
For 2.7 V ≤ VLOGIC ≤ 5.5 V: −40°C < TA < +125°C. For 1.8 V ≤ VLOGIC ≤ 2.7 V: −40°C < TA < +105°C.
2
Guaranteed by design, but not subject to production test.
3
Reference input resistance is code-dependent, minimum at 0x8555.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com