Electronic Components Datasheet Search
  English  ▼

X  

AD5541A Datasheet(PDF) 20 Page - Analog Devices

Part # AD5541A
Description  Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541A Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5541A Datasheet HTML 12Page - Analog Devices AD5541A Datasheet HTML 13Page - Analog Devices AD5541A Datasheet HTML 14Page - Analog Devices AD5541A Datasheet HTML 15Page - Analog Devices AD5541A Datasheet HTML 16Page - Analog Devices AD5541A Datasheet HTML 17Page - Analog Devices AD5541A Datasheet HTML 18Page - Analog Devices AD5541A Datasheet HTML 19Page - Analog Devices AD5541A Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD5541A
Data Sheet
Rev. B | Page 20 of 20
2.44
2.34
2.24
0.30
0.25
0.20
PIN 1 INDEX
AREA
0.80
0.75
0.70
1.70
1.60
1.50
0.203 REF
0.05 MAX
0.02 NOM
0.50 BSC
3.10
3.00 SQ
2.90
COPLANARITY
0.08
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-229-W3030D-4
0.20 MIN
8
1
5
4
SEATING
PLANE
TOP VIEW
SIDE VIEW
EXPOSED
PAD
BOTTOM VIEW
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
1
DETAIL A
(JEDEC 95)
Figure 38. 8-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-8-11)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
INL
DNL
Power-On
Reset to Code
Temperature Range
Package Description
Package
Option
Marking
Code
AD5541ABRMZ
±1 LSB
±1 LSB
Zero Scale
−40°C to +125°C
10-Lead MSOP
RM-10
DEQ
AD5541ABRMZ-REEL7
±1 LSB
±1 LSB
Zero Scale
−40°C to +125°C
10-Lead MSOP
RM-10
DEQ
AD5541AARMZ
±2 LSB
±1 LSB
Zero Scale
−40°C to +125°C
10-Lead MSOP
RM-10
DER
AD5541AARMZ-REEL7
±2 LSB
±1 LSB
Zero Scale
−40°C to +125°C
10-Lead MSOP
RM-10
DER
AD5541AACPZ-REEL7
±2 LSB
±1 LSB
Zero Scale
−40°C to +125°C
10-Lead LFCSP
CP-10-9
DER
AD5541ABCPZ-REEL7
±1 LSB
±1 LSB
Zero Scale
−40°C to +125°C
10-Lead LFCSP
CP-10-9
DEQ
AD5541ABCPZ-500RL7
±1 LSB
±1 LSB
Zero Scale
−40°C to +125°C
10-Lead LFCSP
CP-10-9
DEQ
AD5541ABCPZ-1-RL7
±1 LSB
±1 LSB
Zero Scale
−40°C to +125°C
8-Lead LFCSP
CP-8-11
DFG
EVAL-AD5541ASDZ
AD5541A Evaluation Board
1
Z = RoHS Compliant Part.
©2010–2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D08516-0-4/18(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com