Electronic Components Datasheet Search
  English  ▼

X  

AD5541ABRMZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD5541ABRMZ
Description  Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541ABRMZ Datasheet(HTML) 4 Page - Analog Devices

  AD5541ABRMZ Datasheet HTML 1Page - Analog Devices AD5541ABRMZ Datasheet HTML 2Page - Analog Devices AD5541ABRMZ Datasheet HTML 3Page - Analog Devices AD5541ABRMZ Datasheet HTML 4Page - Analog Devices AD5541ABRMZ Datasheet HTML 5Page - Analog Devices AD5541ABRMZ Datasheet HTML 6Page - Analog Devices AD5541ABRMZ Datasheet HTML 7Page - Analog Devices AD5541ABRMZ Datasheet HTML 8Page - Analog Devices AD5541ABRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5541A
Data Sheet
Rev. B | Page 4 of 20
AC CHARACTERISTICS
VDD = 2.7 V to 5.5 V, 2.5 V ≤ VREF ≤ VDD, AGND = DGND = 0 V, −40°C < TA < +125°C, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Condition
Output Voltage Settling Time
1
μs
To ½ LSB of full scale, CL = 10 pF
Slew Rate
17
V/μs
CL = 10 pF, measured from 0% to 63%
Digital-to-Analog Glitch Impulse
1.1
nV-sec
1 LSB change around major carry
Reference −3 dB Bandwidth
2.2
MHz
All 1s loaded
Reference Feedthrough
1
mV p-p
All 0s loaded, VREF = 1 V p-p at 100 kHz
Digital Feedthrough
0.2
nV-sec
Signal-to-Noise Ratio
92
dB
Spurious Free Dynamic Range
80
dB
Digitally generated sine wave at 1 kHz
Total Harmonic Distortion
74
dB
DAC code = 0xFFFF, frequency 10 kHz,
VREF = 2.5 V ± 1 V p-p
Output Noise Spectral Density
11.8
nV/√Hz
DAC code = 0x0000, frequency = 1 kHz
Output Noise
1.25
μV p-p
0.1 Hz to 10 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com