Electronic Components Datasheet Search
  English  ▼

X  

AD5541ABRMZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD5541ABRMZ
Description  Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541ABRMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5541ABRMZ Datasheet HTML 3Page - Analog Devices AD5541ABRMZ Datasheet HTML 4Page - Analog Devices AD5541ABRMZ Datasheet HTML 5Page - Analog Devices AD5541ABRMZ Datasheet HTML 6Page - Analog Devices AD5541ABRMZ Datasheet HTML 7Page - Analog Devices AD5541ABRMZ Datasheet HTML 8Page - Analog Devices AD5541ABRMZ Datasheet HTML 9Page - Analog Devices AD5541ABRMZ Datasheet HTML 10Page - Analog Devices AD5541ABRMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD5541A
Rev. B | Page 7 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD 1
VOUT 2
AGND
3
REF
4
CS
5
VLOGIC
10
DGND
9
LDAC
8
DIN
7
SCLK
6
AD5541A
TOP VIEW
(Not to Scale)
Figure 4. AD5541A 10-Lead MSOP Pin Configuration
Table 6. AD5541A Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Analog Supply Voltage.
2
VOUT
Analog Output Voltage from the DAC.
3
AGND
Ground Reference Point for Analog Circuitry.
4
REF
Voltage Reference Input for the DAC. Connect to an external 2.5 V reference. The reference can range from
2 V to VDD.
5
CS
Logic Input Signal. The chip select signal is used to frame the serial data input.
6
SCLK
Clock Input. Data is clocked into the serial input register on the rising edge of SCLK. The duty cycle must be
between 40% and 60%.
7
DIN
Serial Data Input. This device accepts 16-bit words. Data is clocked into the serial input register on the rising edge
of SCLK.
8
LDAC
LDAC Input. When this input is taken low, the DAC register is simultaneously updated with the contents of the
serial register data.
9
DGND
Digital Ground. Ground reference for digital circuitry.
10
VLOGIC
Logic Power Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com