Electronic Components Datasheet Search
  English  ▼

X  

AD5541ABRMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD5541ABRMZ
Description  Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541ABRMZ Datasheet(HTML) 5 Page - Analog Devices

  AD5541ABRMZ Datasheet HTML 1Page - Analog Devices AD5541ABRMZ Datasheet HTML 2Page - Analog Devices AD5541ABRMZ Datasheet HTML 3Page - Analog Devices AD5541ABRMZ Datasheet HTML 4Page - Analog Devices AD5541ABRMZ Datasheet HTML 5Page - Analog Devices AD5541ABRMZ Datasheet HTML 6Page - Analog Devices AD5541ABRMZ Datasheet HTML 7Page - Analog Devices AD5541ABRMZ Datasheet HTML 8Page - Analog Devices AD5541ABRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD5541A
Rev. B | Page 5 of 20
TIMING CHARACTERISTICS
VDD = 5 V, 2.5 V ≤ VREF ≤ VDD, VINH = 90% of VLOGIC, VINL = 10% of VLOGIC, AGND = DGND = 0 V, −40°C < TA < +105°C, unless otherwise
noted.
Table 4.
Parameter1,2
Limit at
1.8 ≤ VLOGIC ≤ 2.7 V
Limit at
2.7 V ≤ VLOGIC ≤ 5.5 V
Unit
Description
fSCLK
14
50
MHz max
SCLK cycle frequency
t1
70
20
ns min
SCLK cycle time
t2
35
10
ns min
SCLK high time
t3
35
10
ns min
SCLK low time
t4
5
5
ns min
CS low to SCLK high setup
t5
5
5
ns min
CS high to SCLK high setup
t6
5
5
ns min
SCLK high to CS low hold time
t7
10
5
ns min
SCLK high to CS high hold time
t8
35
10
ns min
Data setup time
t9
5
4
ns min
Data hold time (VINH = 90% of VDD, VINL = 10% of VDD)
t9
5
5
ns min
Data hold time (VINH = 3 V, VINL = 0 V)
t10
20
20
ns min
LDAC pulse width
t11
10
10
ns min
CS high to LDAC low setup
t12
15
15
ns min
CS high time between active periods
1
Guaranteed by design and characterization. Not production tested.
2
All input signals are specified with tR = tF = 1 ns/V and timed from a voltage level of (VINL + VINH)/2.
SCLK
CS
DIN
DB15
LDAC
t6
t4
t12
t8
t9
t2
t3
t1
t7
t5
t11
t10
Figure 3. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com