Electronic Components Datasheet Search
  English  ▼

X  

AD5760 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5760
Description  Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5760 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5760 Datasheet HTML 9Page - Analog Devices AD5760 Datasheet HTML 10Page - Analog Devices AD5760 Datasheet HTML 11Page - Analog Devices AD5760 Datasheet HTML 12Page - Analog Devices AD5760 Datasheet HTML 13Page - Analog Devices AD5760 Datasheet HTML 14Page - Analog Devices AD5760 Datasheet HTML 15Page - Analog Devices AD5760 Datasheet HTML 16Page - Analog Devices AD5760 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Data Sheet
AD5760
Rev. F | Page 13 of 27
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
VREFP/|VREFN| (V)
–0.10
–0.09
–0.08
–0.07
–0.06
–0.05
–0.04
–0.03
–0.02
TA = 25°C
VDD = +15V
VSS = –15V
AD8675 OUTPUT BUFFER
Figure 29. Zero-Scale Error vs. Reference Voltage
–0.25
–0.05
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
VREFP/|VREFN| (V)
–0.23
–0.21
–0.19
–0.17
–0.15
–0.13
–0.11
–0.09
–0.07
TA = 25°C
VDD = +15V
VSS = –15V
AD8675 OUTPUT BUFFER
Figure 30. Midscale Error vs. Reference Voltage
0.20
0.22
0.24
0.26
0.28
0.3
0.32
0.34
0.36
0.38
0.40
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
VREFP/|VREFN| (V)
TA = 25°C
VDD = +15V
VSS = –15V
AD8675 OUTPUT BUFFER
Figure 31. Full-Scale Error vs. Reference Voltage
–0.50
–0.45
–0.40
–0.35
–0.30
–0.25
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
VREFP/|VREFN| (V)
TA = 25°C
VDD = +15V
VSS = –15V
AD8675 OUTPUT BUFFER
Figure 32. Gain Error vs. Reference Voltage
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
–40
–20
0
20
40
60
80
100
±10V SPAN
+10V SPAN
+5V SPAN
TEMPERATURE (°C)
VDD = +15V
VSS = –15V
AD8675 OUTPUT BUFFER
Figure 33. Full-Scale Error vs. Temperature
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
±10V SPAN
+10V SPAN
+5V SPAN
VDD = +15V
VSS = –15V
AD8675 OUTPUT BUFFER
Figure 34. Midscale Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com