Electronic Components Datasheet Search
  English  ▼

X  

AD5760 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5760
Description  Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5760 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5760 Datasheet HTML 17Page - Analog Devices AD5760 Datasheet HTML 18Page - Analog Devices AD5760 Datasheet HTML 19Page - Analog Devices AD5760 Datasheet HTML 20Page - Analog Devices AD5760 Datasheet HTML 21Page - Analog Devices AD5760 Datasheet HTML 22Page - Analog Devices AD5760 Datasheet HTML 23Page - Analog Devices AD5760 Datasheet HTML 24Page - Analog Devices AD5760 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Data Sheet
AD5760
Rev. F | Page 21 of 27
Control Register
The control register controls the mode of operation of the
AD5760.
Clearcode Register
The clearcode register sets the value to which the DAC output is
set when the CLR pin or CLR bit in the software control register
is asserted. The output value depends on the DAC coding that is
being used, either binary or twos complement. The default
register value is 0.
Table 10. Control Register
MSB
LSB
DB23
DB22
DB21
DB20
DB19 to DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
R/
W
Register address
Control register data
R/
W
0
1
0
Reserved
Reserved
0000
SDODIS
BIN/2sC
DACTRI
OPGND
RBUF
Reserved
Table 11. Control Register Functions
Bit Name
Description
Reserved
These bits are reserved and should be programmed to zero.
RBUF
Output amplifier configuration control.
0: the internal amplifier, A1, is powered up and Resistors RFB and R1 are connected in series, as shown in Figure 53. This allows
an external amplifier to be connected in a gain of two configuration. See the AD5760 Features section for further details.
1: (default) the internal amplifier, A1, is powered down and Resistors RFB and R1 are connected in parallel, as shown in
Figure 52, so that the resistance between the RFB and INV pins is 3.4 kΩ, equal to the resistance of the DAC. This allows the RFB
and INV pins to be used for input bias current compensation for an external unity-gain amplifier. See the AD5760 Features
section for further details.
OPGND
Output ground clamp control.
0: the DAC output clamp to ground is removed, and the DAC is placed in normal mode.
1: (default) the DAC output is clamped to ground through a ~6 kΩ resistance, and the DAC is placed in tristate mode.
Resetting the device puts the DAC in OPGND mode, where the output ground clamp is enabled and the DAC is tristated.
Setting the OPGND bit to 1 in the control register overrules any write to the DACTRI bit.
DACTRI
DAC tristate control.
0: the DAC is in normal operating mode.
1: (default) the DAC is in tristate mode.
BIN/2sC
DAC register coding selection.
0: (default) the DAC register uses twos complement coding.
1: the DAC register uses offset binary coding.
SDODIS
SDO pin enable/disable control.
0: (default) the SDO pin is enabled.
1: the SDO pin is disabled (tristate).
R/W
Read/write select bit.
0: AD5760 is addressed for a write operation.
1: AD5760 is addressed for a read operation.
Table 12. Clearcode Register
MSB
LSB
DB23
DB22
DB21
DB20
DB19 to DB4
DB3
DB2
DB1
DB0
R/W
Register address
Clearcode register data
R/W
0
1
1
16 bits of data
X1
X1
X1
X1
1
X is don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com