Electronic Components Datasheet Search
  English  ▼

X  

AD5760 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5760
Description  Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5760 Datasheet(HTML) 3 Page - Analog Devices

  AD5760 Datasheet HTML 1Page - Analog Devices AD5760 Datasheet HTML 2Page - Analog Devices AD5760 Datasheet HTML 3Page - Analog Devices AD5760 Datasheet HTML 4Page - Analog Devices AD5760 Datasheet HTML 5Page - Analog Devices AD5760 Datasheet HTML 6Page - Analog Devices AD5760 Datasheet HTML 7Page - Analog Devices AD5760 Datasheet HTML 8Page - Analog Devices AD5760 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Data Sheet
AD5760
Rev. F | Page 3 of 27
SPECIFICATIONS
VDD = +12.5 V to +16.5 V, VSS = −16.5 V to −12.5 V, VREFP = +10 V, VREFN = −10 V, VCC = 2.7 V to 5.5 V, IOVCC = 1.71 V to 5.5 V, s
RL = unloaded, CL = unloaded, TMIN to TMAX, unless otherwise noted.
Table 2.
A, B Versions1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE2
Resolution
16
Bits
Integral Nonlinearity Error (Relative
Accuracy)
−0.5
+0.5
LSB
B grade, VREFx = ±10 V, +10 V and +5 V
−2
+2
LSB
A grade, VREFx = ±10 V, +10 V and +5 V
Differential Nonlinearity Error
−0.5
+0.5
LSB
B grade, VREFx = ±10 V, +10 V and +5 V
−1
+1
LSB
A grade, VREFx = ±10 V, +10 V and +5 V
Long-Term Linearity Error Stability3
0.00625
LSB
After 750 hours at TA = 135°C
Full-Scale Error
−0.75
±0.2
+0.75
LSB
VREFP = +10 V, VREFN = −10 V
−1.4
±0.17
+1.4
LSB
VREFP = 10 V, VREFN = 0 V
−2.5
±0.1
+2.5
LSB
VREFP = 5 V, VREFN = 0 V
Full-Scale Error Temperature
Coefficient
±0.026
ppm/°C
VREFP = +10 V, VREFN = −10 V
Zero-Scale Error
−1.2
±0.0812
+1.2
LSB
VREFP = +10 V, VREFN = −10 V
−2.5
±0.044
+2.5
LSB
VREFP = 10 V, VREFN = 0 V
−5.2
±0.056
+5.2
LSB
VREFP = 5 V, VREFN = 0 V
Zero-Scale Error Temperature
Coefficient
±0.025
ppm/°C
VREFP = +10 V, VREFN = −10 V
Gain Error
−19
±2.3
+19
ppm FSR
VREFP = +10 V, VREFN = −10 V
−35
±1.9
+35
ppm FSR
VREFP = 10 V, VREFN = 0 V
−68
±0.9
+68
ppm FSR
VREFP = 5 V, VREFN = 0 V
Gain Error Temperature Coefficient
±0.018
ppm/°C
VREFP = +10 V, VREFN = −10 V
R1, RFB Matching
0.015
%
OUTPUT CHARACTERISTICS
Output Voltage Range
VREFN
VREFP
V
Output Voltage Settling Time
2.5
µs
10 V step to 0.02%, using the ADA4898-1
buffer in unity-gain mode
3.5
µs
125 code step to ±1 LSB4
Output Noise Spectral Density
8
nV/√Hz
At 1 kHz, DAC code = midscale
8
nV/√Hz
At 10 kHz, DAC code = midscale
Output Voltage Noise
1.1
µV p-p
DAC code = midscale, 0.1 Hz to 10 Hz
bandwidth
Midscale Glitch Impulse4
14
nV-sec
VREFP = +10 V, VREFN = −10 V
3.5
nV-sec
VREFP = 10 V, VREFN = 0 V
4
nV-sec
VREFP = 5 V, VREFN = 0 V
MSB Segment Glitch Impulse4
14
nV-sec
VREFP = +10 V, VREFN = −10 V, see Figure 42
3.5
nV-sec
VREFP = 10 V, VREFN = 0 V, see Figure 43
4
nV-sec
VREFP = 5 V, VREFN = 0 V, see Figure 44
Output Enabled Glitch Impulse
57
nV-sec
On removal of output ground clamp
Digital Feedthrough
0.27
nV-sec
DC Output Impedance (Normal
Mode)
3.4
kΩ
DC Output Impedance (Output
Clamped to Ground)
6
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com