Electronic Components Datasheet Search
  English  ▼

X  

AD5790 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5790
Description  Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5790 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5790 Datasheet HTML 9Page - Analog Devices AD5790 Datasheet HTML 10Page - Analog Devices AD5790 Datasheet HTML 11Page - Analog Devices AD5790 Datasheet HTML 12Page - Analog Devices AD5790 Datasheet HTML 13Page - Analog Devices AD5790 Datasheet HTML 14Page - Analog Devices AD5790 Datasheet HTML 15Page - Analog Devices AD5790 Datasheet HTML 16Page - Analog Devices AD5790 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Data Sheet
AD5790
Rev. E | Page 13 of 27
VREFP/|VREFN| (V)
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
–1.5
–1.3
–1.1
–0.9
–0.7
–0.5
–0.3
–0.1
TA = 25°C
VDD = +15V
VSS = –15V
AD8675 OUTPUT BUFFER
Figure 29. Zero-Scale Error vs. Reference Voltage
VREFP/|VREFN| (V)
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
TA = 25°C
VREFP = +15V
VREFN = –15V
AD8675 OUTPUT BUFFER
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
Figure 30. Midscale Error vs. Reference Voltage
VREFP/|VREFN| (V)
3.5
4.0
4.5
5.0
5.5
6.0
6.5
5.05.56.06.57.07.58.08.59.09.5
10.0
TA = 25°C
VDD = +15V
VSS = –15V
AD8675 OUTPUT BUFFER
Figure 31. Full-Scale Error vs. Reference Voltage
VREFP/|VREFN| (V)
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
–7.5
–7.0
–6.5
–6.0
–5.5
–5.0
–4.5
–4.0
TA = 25°C
VDD = +15V
VSS = –15V
AD8675 OUTPUT BUFFER
Figure 32. Gain Error vs. Reference Voltage
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
–40
–20
0
20
40
TEMPERATURE (°C)
60
80
100
±10V SPAN
+10V SPAN
+5V SPAN
VDD = +15V
VSS = –15V
AD8675 OUTPUT BUFFER
Figure 33. Full-Scale Error vs. Temperature
TEMPERATURE (°C)
–5
–4
–3
–2
–1
0
1
2
3
–40
–20
0
204060
80
100
VDD = +15V
VSS = –15V
AD8675 OUTPUT BUFFER
±10V SPAN
+10V SPAN
+5V SPAN
Figure 34. Midscale Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com