Electronic Components Datasheet Search
  English  ▼

X  

AD5790 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5790
Description  Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5790 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5790 Datasheet HTML 14Page - Analog Devices AD5790 Datasheet HTML 15Page - Analog Devices AD5790 Datasheet HTML 16Page - Analog Devices AD5790 Datasheet HTML 17Page - Analog Devices AD5790 Datasheet HTML 18Page - Analog Devices AD5790 Datasheet HTML 19Page - Analog Devices AD5790 Datasheet HTML 20Page - Analog Devices AD5790 Datasheet HTML 21Page - Analog Devices AD5790 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
AD5790
Data Sheet
Rev. E | Page 18 of 27
THEORY OF OPERATION
The AD5790 is a high accuracy, fast settling, single, 20-bit,
serial input, voltage-output DAC. It operates from a VDD supply
voltage of 7 V to 16.5 V and a VSS supply of −16.5 V to −2.5 V.
Data is written to the AD5790 in a 24-bit word format via a 3-wire
serial interface. The AD5790 incorporates a power-on reset
circuit that ensures the DAC output powers up to 0 V with the
VOUT pin clamped to AGND through a ~6 kΩ internal resistor.
DAC ARCHITECTURE
The architecture of the AD5790 consists of two matched DAC
sections. A simplified circuit diagram is shown in Figure 49.
The six MSBs of the 20-bit data-word are decoded to drive
63 switches, E0 to E62. Each of these switches connects one of
63 matched resistors to either the buffered VREFP or buffered
VREFN voltage. The remaining 14 bits of the data-word drive
Switches S0 to S13 of a 14-bit voltage mode R-2R ladder
network.
2R
S0
2R
S1
2R
S13
2R
E62
2R
E61
2R
E0
14-BIT R-2R LADDER
.....................
.....................
..........
.........
R
R
R
VREFP
VREFN
VOUT
SIX MSBs DECODED INTO
63 EQUAL SEGMENTS
Figure 49. DAC Ladder Structure
SERIAL INTERFACE
The AD5790 has a 3-wire serial interface (SYNC, SCLK, and
SDIN) that is compatible with SPI, QSPI, and MICROWIRE
interface standards, as well as most DSPs (see Figure 2 for a
timing diagram).
Input Shift Register
The input shift register is 24 bits wide. Data is loaded into the
device MSB first as a 24-bit word under the control of a serial
clock input, SCLK, which can operate at up to 35 MHz. The
input register consists of a R/W bit, three address bits and
20 data bits as shown in Table 6. The timing diagram for this
operation is shown in Figure 2.
Table 6. Input Shift Register Format
MSB
LSB
DB23
DB22
DB21
DB20
DB19 to DB0
R/W
Register address
Register data
Table 7. Decoding the Input Shift Register
R/W
Register Address
Description
X1
0
0
0
No operation (NOP). Used in readback operations.
0
0
0
1
Write to the DAC register.
0
0
1
0
Write to the control register.
0
0
1
1
Write to the clearcode register.
0
1
0
0
Write to the software control register.
1
0
0
1
Read from the DAC register.
1
0
1
0
Read from the control register.
1
0
1
1
Read from the clearcode register.
1
X is don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com