Electronic Components Datasheet Search
  English  ▼

X  

AD5790 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5790
Description  Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5790 Datasheet(HTML) 3 Page - Analog Devices

  AD5790 Datasheet HTML 1Page - Analog Devices AD5790 Datasheet HTML 2Page - Analog Devices AD5790 Datasheet HTML 3Page - Analog Devices AD5790 Datasheet HTML 4Page - Analog Devices AD5790 Datasheet HTML 5Page - Analog Devices AD5790 Datasheet HTML 6Page - Analog Devices AD5790 Datasheet HTML 7Page - Analog Devices AD5790 Datasheet HTML 8Page - Analog Devices AD5790 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Data Sheet
AD5790
Rev. E | Page 3 of 27
SPECIFICATIONS
VDD = +12.5 V to +16.5 V, VSS = −16.5 V to −12.5 V, VREFP = +10 V, VREFN = −10 V, VCC = +2.7 V to +5.5 V, IOVCC = +1.71 V to +5.5 V,
RL = unloaded, CL = unloaded, TMIN to TMAX, unless otherwise noted.
Table 2.
B Version1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE2
Resolution
20
Bits
Integral Nonlinearity Error (Relative
Accuracy)
−2
±1.2
+2
LSB
VREFP = +10 V, VREFN = −10 V, TA = 0°C to 105°C
−3
±1.2
+3
LSB
VREFP = +10 V, VREFN = −10 V, TA =−40°C to +105°C
−4
±1.2
+4
LSB
VREFx = ±10 V, +10 V, and +5 V
Differential Nonlinearity Error
−1
+2
LSB
VREFP = +10 V, VREFN = −10 V, TA = 0°C to 105°C
−1
+3
LSB
VREFx = ±10 V, +10 V, and +5 V
Long-Term Linearity Error Stability3
0.1
LSB
After 750 hours at TA = 135°C
Full-Scale Error
−12
±3.8
+12
LSB
VREFP = +10 V, VREFN = −10 V
−22
±2.7
+22
LSB
VREFP = 10 V, VREFN = 0 V
−40
±1.8
+40
LSB
VREFP = 5 V, VREFN = 0 V
−9
±3.8
+9
LSB
VREFP = +10 V, VREFN = −10 V, TA = 0°C to 105°C
−12
±2.7
+12
LSB
VREFP = 10 V, VREFN = 0 V, TA = 0°C to 105°C
−22
±1.8
+22
LSB
VREFP = 5 V, VREFN = 0 V, TA = 0°C to 105°C
Full-Scale Error Temperature Coefficient
±0.026
ppm/°C
VREFP = +10 V, VREFN = −10 V
Zero-Scale Error
−19
±1.3
+19
LSB
VREFP = +10 V, VREFN = −10 V
−40
±0.7
+40
LSB
VREFP = 10 V, VREFN = 0 V
−82
±0.9
+82
LSB
VREFP = 5 V, VREFN = 0 V
−8
±1.3
+8
LSB
VREFP = +10 V, VREFN = −10 V, TA = 0°C to 105°C
−13
±0.7
+13
LSB
VREFP = 10 V, VREFN = 0 V, TA = 0°C to 105°C
−22
±0.9
+22
LSB
VREFP = 5 V, VREFN = 0 V, TA = 0°C to 105°C
Zero-Scale Error Temperature Coefficient
±0.025
ppm/°C
VREFP = +10 V, VREFN = −10 V
Gain Error
−19
±2.3
+19
ppm FSR
VREFP = +10 V, VREFN = −10 V
−35
±1.9
+35
ppm FSR
VREFP = 10 V, VREFN = 0 V
−68
±0.9
+68
ppm FSR
VREFP = 5 V, VREFN = 0 V
−9
±2.3
+9
ppm FSR
VREFP = +10 V, VREFN = −10 V, TA = 0°C to 105°C
−15
±2.9
+15
ppm FSR
VREFP = 10 V, VREFN = 0 V, TA = 0°C to 105°C
−22
±0.9
+22
ppm FSR
VREFP = 5 V, VREFN = 0 V, TA = 0°C to 105°C
Gain Error Temperature Coefficient
±0.018
ppm/°C
VREFP = +10 V, VREFN = −10 V
R1, RFB Matching
0.015
%
OUTPUT CHARACTERISTICS
Output Voltage Range
VREFN
VREFP
V
Output Voltage Settling Time
2.5
µs
10 V step to 0.02%, using the ADA4898-1 buffer
in unity-gain mode
3.5
µs
500 code step to ±1 LSB4
Output Noise Spectral Density
8
nV/√Hz
At 1 kHz, DAC code = midscale
8
nV/√Hz
At 10 kHz, DAC code = midscale
Output Voltage Noise
1.1
µV p-p
DAC code = midscale, 0.1 Hz to 10 Hz bandwidth
Midscale Glitch Impulse4
14
nV-sec
VREFP = +10 V, VREFN = −10 V
3.5
nV-sec
VREFP = 10 V, VREFN = 0 V
4
nV-sec
VREFP = 5 V, VREFN = 0 V
MSB Segment Glitch Impulse4
14
nV-sec
VREFP = +10 V, VREFN = −10 V, see
Figure 42
3.5
nV-sec
VREFP = 10 V, VREFN = 0 V, see
Figure 43
4
nV-sec
VREFP = 5 V, VREFN = 0 V, see
Figure 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com