Electronic Components Datasheet Search
  English  ▼

X  

8355 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 8355
Description  Inline CAN master, extreme conditions version, for connecting a CAN bus system
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8355 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 8355 Datasheet HTML 9Page - PHOENIX CONTACT 8355 Datasheet HTML 10Page - PHOENIX CONTACT 8355 Datasheet HTML 11Page - PHOENIX CONTACT 8355 Datasheet HTML 12Page - PHOENIX CONTACT 8355 Datasheet HTML 13Page - PHOENIX CONTACT 8355 Datasheet HTML 14Page - PHOENIX CONTACT 8355 Datasheet HTML 15Page - PHOENIX CONTACT 8355 Datasheet HTML 16Page - PHOENIX CONTACT 8355 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
IB IL CAN-MA-XC-PAC
8355_en_01
PHOENIX CONTACT
13
14
Configuration
Configure the CAN master and the low-level CAN system as
“local configuration” via the CAN interface.
Configuration data is stored on the memory stick.
14.1
Connection between Inline terminal and PC
Remove the original connector for configuration.
For configuration, connect the PC to the CAN master. To do
this, use the USB CAN adapter and the configuration cable
(see “ordering data”) or assemble a connecting cable with
the IB IL SCN-6 SHIELD connector (see “Connector assign-
ment for configuration”).
Please make sure that the jumper between terminal points
1.3 and 2.3 is installed for configuration.
Figure 10
USB-CAN adapter and configuration cable
Key:
You only need to configure the Inline CAN
master when you do not use the default set-
ting. For default setting, see section “Possible
parameters”.
NOTE: no CAN communication in the
event of invalid configuration data on the
memory stick!
No CAN communication is possible if the
memory stick is empty or not inserted, or if
there is no valid configuration data on the
memory stick.
Make sure that the memory stick is plugged in
with a valid configuration.
A valid configuration is on the memory stick on
delivery (default setting: see section “Possible
parameters”).
NOTE: Malfunction with wrong connector
Do not use the connector supplied upon deliv-
ery.
For configuration, you need either the config-
uration cable (see “ordering data”) or a self-
assembled cable with IB IL SCN-6 SHIELD
shield plug.
NOTE: malfunction with additional CAN de-
vice
For configuration, there may only be a 1:1
connection between PC and CAN master.
Make sure that no other CAN device is con-
nected.
If you switch between configuration and nor-
mal operation, reset the voltage every time af-
ter you have changed the connector. The
changed mode will only be detected after
power up.
The MD LED is flashing when the terminal is
in configuration mode.
USB
USB connector for connection to
the PC
USB-CAN
USB CAN adapter
USB-to-CAN compact
(Company IXXAT)
IB IL CAN-MA CONF-
CAB
D-SUB Inline configuration cable
(see Ordering Data)
1.3 - 2.3
Bridge
IB IL CAN-MA CONF-CAB
R = 124
USB-CAN
USB
1.3 -2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com