Electronic Components Datasheet Search
  English  ▼

X  

8355 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 8355
Description  Inline CAN master, extreme conditions version, for connecting a CAN bus system
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8355 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 8355 Datasheet HTML 17Page - PHOENIX CONTACT 8355 Datasheet HTML 18Page - PHOENIX CONTACT 8355 Datasheet HTML 19Page - PHOENIX CONTACT 8355 Datasheet HTML 20Page - PHOENIX CONTACT 8355 Datasheet HTML 21Page - PHOENIX CONTACT 8355 Datasheet HTML 22Page - PHOENIX CONTACT 8355 Datasheet HTML 23Page - PHOENIX CONTACT 8355 Datasheet HTML 24Page - PHOENIX CONTACT 8355 Datasheet HTML 25Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
IB IL CAN-MA-XC-PAC
8355_en_01
PHOENIX CONTACT
21
19
Input data of the bus coupler/the controller
19.1
SUPI A input data (CAIN; lower-level CAN data direction -> bus coupler/controller)
Status word
Word
IN0
Byte
1
0
Bit
7
65
43
21
07
65
4
3
2
1
0
Assig
nmen
t
00
00
CC
Bus
off
CC
Warn
CC
OVR
CAIN
OVR
00
000
0
CAN
Stop
PI Ex
Stop
Byte 1, Bit 3: CC Bus Off
Byte 0, Bit 1: CAN Stop
0
CAN master is not in Bus Off
0
CAN controller is started (sending and receiving
possible)
1
CAN master is in Bus Off (can be restarted by
stopping and starting the CAN Stop bit in the
command word. If the CAN Stop bit is not en-
abled, there will be an automatic restart of the
CAN master with a Bus Off.)
1
CAN controller is stopped, in Bus Off or in
ERROR Passive State (at least no CAN commu-
nication or no transmission possible)
  
 
 
Byte 1, Bit 2: CC Warn
Byte 0, Bit 0: PI Ex Stop (PI Exchange Stop)
0
CAN master is not in the error warning state
0
CAN messages are sent and received
1
CAN master is in the error warning state
1
CAN messages are neither sent nor received
  
 
 
Byte 1, Bit 1: CC OVR
0
No CAN controller overrun
1
CAN controller overrun
(A CAN message was not received.)
  
 
 
Byte 1, Bit 0: CAIN OVR
0No CAIN overrun
1CAIN overrun
(Not all CAN messages received via CAN could
be entered into the process data buffer of the
bus coupler/controller (data throughput too
low)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com