Electronic Components Datasheet Search
  English  ▼

X  

8355 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 8355
Description  Inline CAN master, extreme conditions version, for connecting a CAN bus system
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8355 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 8355 Datasheet HTML 16Page - PHOENIX CONTACT 8355 Datasheet HTML 17Page - PHOENIX CONTACT 8355 Datasheet HTML 18Page - PHOENIX CONTACT 8355 Datasheet HTML 19Page - PHOENIX CONTACT 8355 Datasheet HTML 20Page - PHOENIX CONTACT 8355 Datasheet HTML 21Page - PHOENIX CONTACT 8355 Datasheet HTML 22Page - PHOENIX CONTACT 8355 Datasheet HTML 23Page - PHOENIX CONTACT 8355 Datasheet HTML 24Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
IB IL CAN-MA-XC-PAC
8355_en_01
PHOENIX CONTACT
20
CAN data packet
Example: 11-bit CAN message and 8 byte data
The first CAN data packet in SUPI A is shown.
A CAN data packet in SUPI B starts in the next
free byte (byte 1).
In the case of a CAN bus with 29-bit CAN
message, 2 further bytes are required for the
CAN ID.
Word
OUT2
Byte
5
4
Bit
7
65
43
21
07
65
4
3
2
1
0
Assig
nmen
t
CAN ID bit 7 ... 0
(CAN identifier, lower byte)
LEN
(Length of the CAN mes-
sage)
CMD
(Command code)
 
Byte 4, bit 7 ... 4: LEN (Length of the CAN message)
 
Indicates the length of the CAN message in bytes, consisting
of CAN ID (2 bytes) + n data bytes
  
 
Byte 4, bit 3 ... 0: CMD (command code)
 
0
11-bit CAN message
 
1
29-bit CAN message
Word
OUT3
Byte
7
6
Bit
7
65
43
21
07
65
4
3
2
1
0
Assig
nmen
t
OUT data byte 0
(Output data)
RTR
0
0
0
CAN ID bit 11 ... 9
(CAN identifier, higher bits)
 
Byte 8, Bit 7: RTR (Remote Transmission Request)
 
0
No RTR message
 
1
RTR message
OUT4
Byte 9: OUT data byte 2
Byte 8: OUT data byte 1
OUT5
Byte 11: OUT data byte 4
Byte 10: OUT data byte 3
OUT6
Byte 13: OUT data byte 6
Byte 12: OUT data byte 5
OUT7
Byte 15: LEN/CMD of the next CAN data packet
Byte 14: OUT data byte 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com