Electronic Components Datasheet Search
  English  ▼

X  

8359 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 8359
Description  Inline analog output terminal, version for extreme conditions, 8 outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8359 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 8359 Datasheet HTML 9Page - PHOENIX CONTACT 8359 Datasheet HTML 10Page - PHOENIX CONTACT 8359 Datasheet HTML 11Page - PHOENIX CONTACT 8359 Datasheet HTML 12Page - PHOENIX CONTACT 8359 Datasheet HTML 13Page - PHOENIX CONTACT 8359 Datasheet HTML 14Page - PHOENIX CONTACT 8359 Datasheet HTML 15Page - PHOENIX CONTACT 8359 Datasheet HTML 16Page - PHOENIX CONTACT 8359 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
IB IL AO 4/8/U/BP-XC-PAC
8359_en_00
PHOENIX CONTACT
13
Wiring connectors
(according to the user manual)
•
Push a screwdriver into the actuation shaft of the appro-
priate terminal point, so that you can insert the wire into
the spring opening.
Phoenix Contact recommends the screwdriver SZF 1-
0,6X3,5 (Order. No. 1204517).
•
Insert the wire. Remove the screwdriver from the open-
ing. This clamps the wire.
The connector pin assignment can be found in the table on
page 10.
Connecting the shield
•
Open the shield connection (see user manual). (C)
•
Insert the shield connection clamp in the shield connec-
tion according to the cable width (see user manual).
•
Place the cables in the shield connection. (D)
Push the outer cable sheaths up to the shield con-
nection clamp. The wires with the braided shield
must be underneath the shield connection clamp.
The braided shield must project approximately
15 mm over the shield connection clamp.
•
Close the shield connection. (E)
•
Tighten the screws on the shield connection with a
screwdriver. (F)
14
Process data
The device has five process data words and one PCP word.
Figure 8
Order of the process data words
15
OUT process data
Five process data output words are available.
Configure the terminal channels via the OUT1 process data word.
If you change the configuration the corresponding channel is re-initialized. If the configuration is invalid, a corresponding error
message is output in the status word. The configuration settings are stored in a volatile memory only.
O U T 1
7 0 6 3 A 0 0 8
O U T 2
O U T 3
O U T 4
O U T 5
I N 2
I N 3
I N 4
I N 5
C o n t r o l w o r d
S t a t u s w o r d
I N 1
O U T
I N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com