Electronic Components Datasheet Search
  English  ▼

X  

8359 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 8359
Description  Inline analog output terminal, version for extreme conditions, 8 outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8359 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 8359 Datasheet HTML 16Page - PHOENIX CONTACT 8359 Datasheet HTML 17Page - PHOENIX CONTACT 8359 Datasheet HTML 18Page - PHOENIX CONTACT 8359 Datasheet HTML 19Page - PHOENIX CONTACT 8359 Datasheet HTML 20Page - PHOENIX CONTACT 8359 Datasheet HTML 21Page - PHOENIX CONTACT 8359 Datasheet HTML 22Page - PHOENIX CONTACT 8359 Datasheet HTML 23Page - PHOENIX CONTACT 8359 Datasheet HTML 24Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
IB IL AO 4/8/U/BP-XC-PAC
8359_en_00
PHOENIX CONTACT
21
18
Configuration and analog value transmission
You can configure the terminal either via process data or
via PCP and transmit the analog values accordingly.
Example for terminal configuration via process data
All channels are to hold their value (HOLD), use the IB IL for-
mat and output the values in the range 0 V to 5 V. Therefore
the parameter value is 0002
hex.
In the event that consistency of five words cannot be en-
sured, an intermediate step is recommended after every
output command. The buffer bit in the “Write analog values”
command is used for this purpose. As a result, step 3 and
step 5 become more complicated:
Step
Process data
Meaning
1
OUT1 = 6002
hex
Specify configuration
2
Wait until
IN1 = 6002
hex
Wait for confirmation
3
Analog value
OUT2 = Channel 1, ...,
OUT5 = Channel 4
OUT1 = 0100
hex
Analog value output at
channels 1 to 4
4
Wait until
IN1 = 0100
hex
Wait for confirmation
5
Analog value
OUT2 = Channel 5, ...,
OUT5 = Channel 8
OUT1 = 0900
hex
Analog value output at
channels 5 to 8
6
Wait until
IN1 = 0900
hex
Wait for confirmation
Secure process data transmission requires pro-
cess data consistency of five words.
Step
Process data
Meaning
1
OUT1 = 6002
hex
Specify configura-
tion
2
Wait until IN1 = 6002
hex
Wait for confirma-
tion
3a
OUT1 = 0300
hex
Buffer command
3b
Wait until IN1 = 0300
hex
Wait for confirma-
tion
3c
OUT2 = analog value of chan-
nel 1
OUT3 = analog value of chan-
nel 2
OUT4 = analog value of chan-
nel 3
OUT5 = analog value of chan-
nel 4
Buffer the analog
values for chan-
nels 1 to 4
3d
OUT1 = 0100
hex
Output the analog
values for chan-
nels 1 to 4
4
Wait until IN1 = 0100
hex
Wait for confirma-
tion
5a
OUT1 = 0B00
hex
Buffer command
5b
Wait until IN1 = 0B00
hex
Wait for confirma-
tion
5c
OUT2 = analog value of chan-
nel 5
OUT3 = analog value of chan-
nel 6
OUT4 = analog value of chan-
nel 7
OUT5 = analog value of chan-
nel 8
Buffer the analog
values for chan-
nels 5 to 8
5d
OUT1 = 0900
hex
Output the analog
values for chan-
nels 5 to 8
6
Wait until IN1 = 0900
hex
Wait for confirma-
tion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com