Electronic Components Datasheet Search
  English  ▼

X  

8359 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 8359
Description  Inline analog output terminal, version for extreme conditions, 8 outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8359 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 8359 Datasheet HTML 16Page - PHOENIX CONTACT 8359 Datasheet HTML 17Page - PHOENIX CONTACT 8359 Datasheet HTML 18Page - PHOENIX CONTACT 8359 Datasheet HTML 19Page - PHOENIX CONTACT 8359 Datasheet HTML 20Page - PHOENIX CONTACT 8359 Datasheet HTML 21Page - PHOENIX CONTACT 8359 Datasheet HTML 22Page - PHOENIX CONTACT 8359 Datasheet HTML 23Page - PHOENIX CONTACT 8359 Datasheet HTML 24Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
IB IL AO 4/8/U/BP-XC-PAC
8359_en_00
PHOENIX CONTACT
20
17.4
“Standardized representation” format
The output value is represented in bits 14 to 0. An additional bit (bit 15) is available as a sign bit.
Output value representation in “standardized representa-
tion” format (15 bits)
Typical analog values depending on the output range
MSB
LSB
15
14
13
12
11
10
9876
5432
10
SB
Analog value
SB
Sign bit
INTERBUS output word
0 V to 10 V
U
Output [V]
+/-10 V
U
Output [V]
0 V to 5 V
U
Output [V]
+/- 5 V
U
Output [V]
[hex]
[dec]
2A56 to 7FFF
10838 to 32767
+10.837
+10.837
+5.419
+5.419
2A55
10837
+10.837
+10.837
+5.419
+5.419
2710
10000
+10.0
+10.0
+5.419
+5.419
152B
5419
+5.419
+5.419
+5.419
+5.419
1388
5000
+5.0
+5.0
+5.0
+5.0
0001
1
+0.001
+0.001
+0.001
+0.001
0000
0
0
0
0
0
FFFF
-1
0
-0.001
0
-0.001
EC78
-5000
0
-5.0
0
-5.0
EAD5
-5419
0
-5.419
0
-5.419
D8F0
-10000
0
-10.0
0
-5.419
D5AB
-10837
0
-10.837
0
-5.419
D5AA to 8100
-10838 to
-32512
0
-10.837
0
-5.419
80FF to 8000 (with-
out 8001 and 8080)
-32768 to
-32513
HOLD
HOLD
HOLD
HOLD
8001
-32767
Overrange
+10.837
+10.837
+5.419
+5.419
8080
-32640
Underrange
0
-10.837
0
-5.419



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com