Electronic Components Datasheet Search
  English  ▼

X  

8536 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 8536
Description  AXL E EC DI16 M12 6M
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8536 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 8536 Datasheet HTML 9Page - PHOENIX CONTACT 8536 Datasheet HTML 10Page - PHOENIX CONTACT 8536 Datasheet HTML 11Page - PHOENIX CONTACT 8536 Datasheet HTML 12Page - PHOENIX CONTACT 8536 Datasheet HTML 13Page - PHOENIX CONTACT 8536 Datasheet HTML 14Page - PHOENIX CONTACT 8536 Datasheet HTML 15Page - PHOENIX CONTACT 8536 Datasheet HTML 16Page - PHOENIX CONTACT 8536 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AXL E EC DI16 M12 6M
8536_en_03
PHOENIX CONTACT
13
10.2
Input indicators
Figure 10
LEDs of the inputs
ERR
Red
Error
ON
Critical error in the device
Flashing
slowly
(2.5 Hz)
Configuration error, a state transition initiated by the master cannot be
executed.
Single
pulse
Local application error
Double
pulse
Watchdog timeout. The EtherCAT
®
watchdog for monitoring the pro-
cess data has elapsed.
OFF
No error
US
Green/
red
U
Sensorik
Green
ON
Communications power/sensor voltage present
OFF
Communications power/sensor voltage not present or too low.
Red ON
Sensor voltage overload
UA
Green
U
Aktorik
ON
Actuator voltage present.
OFF
Actuator voltage not present.
Designation
Color
Meaning
State
Description
Designation
Color
Meaning
State
Description
00 ... 07,
10 ... 17
Yellow
Status of the inputs
ON
Input is set.
OFF
Input is not set.
The numbering of the LEDs is as follows: the first number specifies the byte, the second number specifies the
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com