Electronic Components Datasheet Search
  English  ▼

X  

8536 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 8536
Description  AXL E EC DI16 M12 6M
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8536 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 8536 Datasheet HTML 15Page - PHOENIX CONTACT 8536 Datasheet HTML 16Page - PHOENIX CONTACT 8536 Datasheet HTML 17Page - PHOENIX CONTACT 8536 Datasheet HTML 18Page - PHOENIX CONTACT 8536 Datasheet HTML 19Page - PHOENIX CONTACT 8536 Datasheet HTML 20Page - PHOENIX CONTACT 8536 Datasheet HTML 21Page - PHOENIX CONTACT 8536 Datasheet HTML 22Page - PHOENIX CONTACT 8536 Datasheet HTML 23Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
AXL E EC DI16 M12 6M
8536_en_03
PHOENIX CONTACT
20
13.2
AL Status Code Register
If the state transition requested by the master is not possible, then the slave sets an error flag in the AL status register (bit 4)
and writes an error code to the AL status code register.
14
Process data
14.1
TxPDO Mapping Digital Inputs
Key:
14.2
TxPDO Mapping IO Status
AL status code (hex)
Description
State or transition
Resulting state
0000
No error
Any
Current state
0001
Unspecified error
Any
Any + E
0011
Invalid requested state change
I→S, I→O, P→O
O→B, S→B, P→B
Current state + E
0012
Unknown requested state
Any
Current state + E
0015
Invalid Mailbox Configuration for Bootstrap
I→BI + E
0016
Invalid Mailbox Configuration for Pre-Opera-
tional State
I→PI + E
0017
Invalid Sync Manager Configuration
P→S, S→O
Current state + E
001B
Sync Manager Watchdog
O, S
S + E
001D
Invalid output configuration
O, S
P→S
S + E
P + E
001E
Invalid input configuration
O, S, P→SP + E
Input process data
Byte
Byte 0
Byte 1
Bit
765
43
210
76
543
21
0
IN
07
06
05
04
03
02
01
00
17
16
15
14
13
12
11
10
Connection
X04
X03
X02
X01
X08
X07
X06
X05
Pin
242
42
424
24
242
42
4
DI
8
7
6
5
4
3
2
1
16
15
14
13
12
11
10
9
Bit:
Process data assignment
IN:
LED marking
DI:
Input of the device
Bit 31 ... bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
Supply of the module electronics and sensors (U
S)
Reserved
Reserved
Undervoltage
Overload
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com