Electronic Components Datasheet Search
  English  ▼

X  

8536 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 8536
Description  AXL E EC DI16 M12 6M
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8536 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 8536 Datasheet HTML 15Page - PHOENIX CONTACT 8536 Datasheet HTML 16Page - PHOENIX CONTACT 8536 Datasheet HTML 17Page - PHOENIX CONTACT 8536 Datasheet HTML 18Page - PHOENIX CONTACT 8536 Datasheet HTML 19Page - PHOENIX CONTACT 8536 Datasheet HTML 20Page - PHOENIX CONTACT 8536 Datasheet HTML 21Page - PHOENIX CONTACT 8536 Datasheet HTML 22Page - PHOENIX CONTACT 8536 Datasheet HTML 23Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AXL E EC DI16 M12 6M
8536_en_03
PHOENIX CONTACT
21
15
Emergency messages
Emergency messages are messages that are actively sent from the device to the EtherCAT
®
master if certain events/prob-
lems occur. They are an unverified service which is based on CoE. In this way, all errors can be indicated to the master by
the slave. This takes the form of messages which are specified in ETG.1000.6.
An emergency message is structured as follows:
The following emergency messages are supported by the device:
CoE emergency message
2 bytes
1 byte
5 bytes
Error code
Error register
Diagnostic data
Error code (hex)
Error register
Diagnostic data (hex)
Localization
Meaning
3001
Bit 2 set
00, 01, 00, 00
Device level
Supply voltage overcurrent
3002
Bit 2 set
00, 02, 00, 00
Device level
Supply surge voltage
3003
Bit 2 set
00, 03, 00, 00
Device level
Supply undervoltage
4001
Bit 4 set
00, 06, 00, 00
Device level
Overtemperature
The device sends emergency messages for an incoming and outgoing error. Once the problem has been
solved, an emergency message with the error code 0000
hex (reset error) is sent by the slave.
The value of the corresponding bit in the error register is then 0. The diagnostic data value does not change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com