Electronic Components Datasheet Search
  English  ▼

X  

8546 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 8546
Description  AXL E ETH DI16 M12 6M
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8546 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 8546 Datasheet HTML 2Page - PHOENIX CONTACT 8546 Datasheet HTML 3Page - PHOENIX CONTACT 8546 Datasheet HTML 4Page - PHOENIX CONTACT 8546 Datasheet HTML 5Page - PHOENIX CONTACT 8546 Datasheet HTML 6Page - PHOENIX CONTACT 8546 Datasheet HTML 7Page - PHOENIX CONTACT 8546 Datasheet HTML 8Page - PHOENIX CONTACT 8546 Datasheet HTML 9Page - PHOENIX CONTACT 8546 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AXL E ETH DI16 M12 6M
8546_en_03
PHOENIX CONTACT
6
Electrical isolation/isolation of the voltage areas
Test section
Test voltage
24 V supply (communications power and sensor supply, digital inputs)/
bus connection (Ethernet 1)
500 V AC, 50 Hz, 1 min
24 V supply (communications power and sensor supply, digital inputs)/
bus connection (Ethernet 2)
500 V AC, 50 Hz, 1 min
24 V supply (communications power and sensor supply, digital inputs)/FE
500 V AC, 50 Hz, 1 min
Bus connection (Ethernet 1)/FE
500 V AC, 50 Hz, 1 min
Bus connection (Ethernet 2)/FE
500 V AC, 50 Hz, 1 min
Bus connection (Ethernet 1)/bus connection (Ethernet 2)
500 V AC, 50 Hz, 1 min
24 V supply (actuator supply)/
24 V supply (communications power and sensor supply, digital inputs)
500 V AC, 50 Hz, 1 min
24 V supply (actuator supply)/bus connection (Ethernet 1)
500 V AC, 50 Hz, 1 min
24 V supply (actuator supply)/bus connection (Ethernet 2)
500 V AC, 50 Hz, 1 min
24 V supply (actuator supply)/FE
500 V AC, 50 Hz, 1 min
Mechanical tests
Vibration resistance in acc. with EN 60068-2-6/IEC 60068-2-6
5g
Shock in acc. with EN 60068-2-27/IEC 60068-2-27
30g, 11 ms period, half-sine shock pulse
Continuous shock according to EN 60068-2-27/IEC 60068-2-27
10g
Conformance with EMC Directive 2004/108/EC
Noise immunity test in accordance with EN 61000-6-2
Electrostatic discharge (ESD) EN 61000-4-2/IEC 61000-4-2
Criterion B; 6 kV contact discharge, 8 kV air discharge
Electromagnetic fields EN 61000-4-3/IEC 61000-4-3
Criterion A; Field intensity: 10 V/m
Fast transients (burst) EN 61000-4-4/IEC 61000-4-4
Criterion B, 2 kV
Transient surge voltage (surge) EN 61000-4-5/IEC 61000-4-5
Criterion B; DC supply lines: ±0.5 kV/±0.5 kV (symmetrical/asymmetrical)
Conducted interference EN 61000-4-6/IEC 61000-4-6
Criterion A; Test voltage 10 V
Noise emission test as per EN 61000-6-4
Radio interference properties EN 55022
Class A
Approvals
For the latest approvals, please visit
at phoenixcontact.net/products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com