Electronic Components Datasheet Search
  English  ▼

X  

8546 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 8546
Description  AXL E ETH DI16 M12 6M
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8546 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  8546 Datasheet HTML 1Page - PHOENIX CONTACT 8546 Datasheet HTML 2Page - PHOENIX CONTACT 8546 Datasheet HTML 3Page - PHOENIX CONTACT 8546 Datasheet HTML 4Page - PHOENIX CONTACT 8546 Datasheet HTML 5Page - PHOENIX CONTACT 8546 Datasheet HTML 6Page - PHOENIX CONTACT 8546 Datasheet HTML 7Page - PHOENIX CONTACT 8546 Datasheet HTML 8Page - PHOENIX CONTACT 8546 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1Description
Axioline E Ethernet device,
metal housing, 16 inputs, 24 V DC,
M12 fast connection technology
AXL E ETH DI16 M12 6M
© PHOENIX CONTACT
Data sheet
The Axioline E device is designed for use within an Ethernet
network (Modbus/TCP).
It is used to acquire digital signals.
The device is designed for use in systems manufacturing.
It is suitable for use without a control cabinet under harsh in-
dustrial conditions.
The Axioline E device can be used on tool platforms, directly
on welding robots or in conveying technology, for example.
Ethernet features
–
2 Ethernet ports (with integrated switch)
–
Supported protocols:
SNMP v1, HTTP, TFTP, FTP, BootP, DHCP
–
Specification: Modbus application protocol V1.1b
–Firmware can be updated
–
Integrated web server for web-based management
Axioline E features
–
Connection to Ethernet network (Modbus/TCP)
using M12 connectors (D-coded)
–
Transmission speed of 10 Mbps and 100 Mbps
–
Connection of digital sensors
using M12 connectors (A-coded)
–
Diagnostic and status indicators
–
Short-circuit and overload protection
of the sensor supply
–
IP65/67 degree of protection
This data sheet is only valid in association with the associated user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
8546_en_03
2016-02-08


Similar Part No. - 8546

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8546 FILTRAN-8546 Datasheet
100Kb / 1P
INDUCTORS Inductors Designed for Nationals 150 KHz SIMPLE SWITCHERTM
logo
TriQuint Semiconductor
854622 TRIQUINT-854622 Datasheet
37Kb / 1P
175 MHz Bandpass Filter
logo
Mallory performance clu...
85463 MALLORY-85463 Datasheet
327Kb / 8P
MSD Pro-Billet Chrysler V8 Distributor
logo
TriQuint Semiconductor
854651 TRIQUINT-854651 Datasheet
36Kb / 1P
70 MHz Low-Loss Filter
854651 TRIQUINT-854651_15 Datasheet
492Kb / 5P
70 MHz SAW Filter
More results

Similar Description - 8546

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8421 PHOENIX-8421 Datasheet
331Kb / 26P
AXL E EIP DI16 M12 6M
8431 PHOENIX-8431 Datasheet
282Kb / 15P
AXL E PB DI16 M12 6M
8442 PHOENIX-8442 Datasheet
298Kb / 17P
AXL E PN DI16 M12 6M
8536 PHOENIX-8536 Datasheet
324Kb / 23P
AXL E EC DI16 M12 6M
8545 PHOENIX-8545 Datasheet
324Kb / 22P
AXL E ETH DI8 DO8 M12 6M
8547 PHOENIX-8547 Datasheet
324Kb / 22P
AXL E ETH DIO16 M12 6M
8551 PHOENIX-8551 Datasheet
299Kb / 18P
AXL E ETH DI16 M12 6P
8556 PHOENIX-8556 Datasheet
315Kb / 22P
AXL E S3 DI16 M12 6M
2701533 PHOENIX-2701533 Datasheet
1Mb / 31P
Digital module - AXL E ETH DI16 M12 6P
Dec 9, 2022
2701516 PHOENIX-2701516 Datasheet
1Mb / 32P
Digital module - AXL E PN DI16 M12 6M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com