Electronic Components Datasheet Search
  English  ▼

X  

8546 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 8546
Description  AXL E ETH DI16 M12 6M
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8546 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 8546 Datasheet HTML 3Page - PHOENIX CONTACT 8546 Datasheet HTML 4Page - PHOENIX CONTACT 8546 Datasheet HTML 5Page - PHOENIX CONTACT 8546 Datasheet HTML 6Page - PHOENIX CONTACT 8546 Datasheet HTML 7Page - PHOENIX CONTACT 8546 Datasheet HTML 8Page - PHOENIX CONTACT 8546 Datasheet HTML 9Page - PHOENIX CONTACT 8546 Datasheet HTML 10Page - PHOENIX CONTACT 8546 Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AXL E ETH DI16 M12 6M
8546_en_03
PHOENIX CONTACT
7
5
Internal circuit diagram
Figure 1
Internal wiring of connections
Key:
Key:
Green area:
Network
Blue area:
U
S
Yellow area:
U
A
X31
X32
X01
X02
X03
X04
X05
X06
X07
X08
2
##
#
#
2 2
2
2 2
2
##
#
#
2
16
24 V
3.3 V
µC
U OUT
S
U OUT
A
UIN
S
UIN
A
X21
X22
ETH1
ETH2
Transmitter with electrical isolation
Power supply unit with electrical isolation
Microcontroller
Digital input
LED
µC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com